Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PVB42004X Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PVB42004X
Description  NPN microwave power transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PVB42004X Datasheet(HTML) 3 Page - NXP Semiconductors

  PVB42004X Datasheet HTML 1Page - NXP Semiconductors PVB42004X Datasheet HTML 2Page - NXP Semiconductors PVB42004X Datasheet HTML 3Page - NXP Semiconductors PVB42004X Datasheet HTML 4Page - NXP Semiconductors PVB42004X Datasheet HTML 5Page - NXP Semiconductors PVB42004X Datasheet HTML 6Page - NXP Semiconductors PVB42004X Datasheet HTML 7Page - NXP Semiconductors PVB42004X Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
1997 Feb 19
3
Philips Semiconductors
Product specification
NPN microwave power transistor
PVB42004X
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
−
40
V
VCEO
collector-emitter voltage
open base
−
15
V
VCES
collector-emitter voltage
RBE =0 Ω−
40
V
VEBO
emitter-base voltage
open collector
−
3V
IC
collector current
−
1A
Ptot
total power dissipation
Tmb =75 °C
−
18
W
Tstg
storage temperature
−65
+200
°C
Tj
operating junction temperature
−
200
°C
Tsld
soldering temperature
at 0.1 mm from the case;
t
≤ 10 s
−
235
°C
Fig.2
Power derating curves as functions of
mounting base temperature.
VCE = 24 V; f > 1 MHz.
(1) VSWR
≥ 5.
(2) VSWR < 3.
handbook, halfpage
−50
200
25
0
(2)
(1)
5
10
15
20
0
50
100
150
MGD967
Ptot
(W)
Tmb (°C)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com