Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PVB42004X Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PVB42004X
Description  NPN microwave power transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PVB42004X Datasheet(HTML) 5 Page - NXP Semiconductors

  PVB42004X Datasheet HTML 1Page - NXP Semiconductors PVB42004X Datasheet HTML 2Page - NXP Semiconductors PVB42004X Datasheet HTML 3Page - NXP Semiconductors PVB42004X Datasheet HTML 4Page - NXP Semiconductors PVB42004X Datasheet HTML 5Page - NXP Semiconductors PVB42004X Datasheet HTML 6Page - NXP Semiconductors PVB42004X Datasheet HTML 7Page - NXP Semiconductors PVB42004X Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
1997 Feb 19
5
Philips Semiconductors
Product specification
NPN microwave power transistor
PVB42004X
Fig.5 Input impedance as a function of frequency; typical values.
VCC = 24 V; PS = 1 W; Zo =50 Ω.
handbook, full pagewidth
MGL019
0.2
0.5
1
2
5
0.2
0.5
1
2
10
10
5
∞
0
0.2
0.5
1
2
5
10
+ j
− j
Zi
1 GHz
1.5
2.5
3.5
4.2
3
2
4
Fig.6 Output impedance as a function of frequency; typical values.
VCC = 24 V; PS = 1 W; Zo =50 Ω.
handbook, full pagewidth
MGL018
0.2
0.5
1
2
5
0.2
0.5
1
2
5
∞
0
0.2
0.5
1
2
5
10
+ j
− j
ZL
1 GHz
1.5
2.5
3.5
2
3
4
4.2
10
10



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com