Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC860 Datasheet(PDF) 46 Page - Freescale Semiconductor, Inc

Part # MPC860
Description  Hardware Specifications
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC860 Datasheet(HTML) 46 Page - Freescale Semiconductor, Inc

Back Button MPC860 Datasheet HTML 42Page - Freescale Semiconductor, Inc MPC860 Datasheet HTML 43Page - Freescale Semiconductor, Inc MPC860 Datasheet HTML 44Page - Freescale Semiconductor, Inc MPC860 Datasheet HTML 45Page - Freescale Semiconductor, Inc MPC860 Datasheet HTML 46Page - Freescale Semiconductor, Inc MPC860 Datasheet HTML 47Page - Freescale Semiconductor, Inc MPC860 Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC860 Datasheet HTML 49Page - Freescale Semiconductor, Inc MPC860 Datasheet HTML 50Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 80 page
background image
MPC860 Family Hardware Specifications, Rev. 7
46
Freescale Semiconductor
CPM Electrical Characteristics
Figure 44. IDMA External Requests Timing Diagram
Table 16. IDMA Controller Timing
Num
Characteristic
All Frequencies
Unit
Min
Max
40
DREQ setup time to clock high
7
—
ns
41
DREQ hold time from clock high
3
—
ns
42
SDACK assertion delay from clock high
—
12
ns
43
SDACK negation delay from clock low
—
12
ns
44
SDACK negation delay from TA low
—
20
ns
45
SDACK negation delay from clock high
—
15
ns
46
TA assertion to falling edge of the clock setup time (applies to
external TA)
7
—
ns
41
40
DREQ
(Input)
CLKO
(Output)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com