Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC860 Datasheet(PDF) 12 Page - Freescale Semiconductor, Inc

Part # MPC860
Description  Hardware Specifications
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC860 Datasheet(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button MPC860 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC860 Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC860 Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC860 Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC860 Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC860 Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC860 Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC860 Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC860 Datasheet HTML 16Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 80 page
background image
MPC860 Family Hardware Specifications, Rev. 7
12
Freescale Semiconductor
Bus Signal Timing
All output pins on the MPC860 have fast rise and fall times. Printed circuit (PC) trace interconnection length should
be minimized in order to minimize undershoot and reflections caused by these fast output switching times. This
recommendation particularly applies to the address and data buses. Maximum PC trace lengths of 6 inches are
recommended. Capacitance calculations should consider all device loads as well as parasitic capacitances due to the
PC traces. Attention to proper PCB layout and bypassing becomes especially critical in systems with higher
capacitive loads because these loads create higher transient currents in the VCC and GND circuits. Pull up all unused
inputs or signals that will be inputs during reset. Special care should be taken to minimize the noise levels on the
PLL supply pins.
9
Bus Signal Timing
Table 7 provides the bus operation timing for the MPC860 at 33, 40, 50, and 66 MHz.
The maximum bus speed supported by the MPC860 is 66 MHz. Higher-speed parts must be operated in half-speed
bus mode (for example, an MPC860 used at 80 MHz must be configured for a 40 MHz bus).
The timing for the MPC860 bus shown assumes a 50-pF load for maximum delays and a 0-pF load for minimum
delays.
Table 7. Bus Operation Timings
Num
Characteristic
33 MHz
40 MHz
50 MHz
66 MHz
Unit
Min
Max
Min
Max
Min
Max
Min
Max
B1
CLKOUT period
30.30
30.30
25.00
30.30
20.00
30.30
15.15
30.30
ns
B1a
EXTCLK to CLKOUT phase skew
(EXTCLK > 15 MHz and MF <= 2)
–0.90
0.90
–0.90
0.90
–0.90
0.90
–0.90
0.90
ns
B1b
EXTCLK to CLKOUT phase skew
(EXTCLK > 10 MHz and MF < 10)
–2.30
2.30
–2.30
2.30
–2.30
2.30
–2.30
2.30
ns
B1c
CLKOUT phase jitter (EXTCLK >
15 MHz and MF <= 2) 1
–0.60
0.60
–0.60
0.60
–0.60
0.60
–0.60
0.60
ns
B1d
CLKOUT phase jitter1
–2.00
2.00
–2.00
2.00
–2.00
2.00
–2.00
2.00
ns
B1e
CLKOUT frequency jitter (MF < 10) 1
—
0.50
—
0.50
—
0.50
—
0.50
%
B1f
CLKOUT frequency jitter (10 < MF
< 500) 1
—
2.00
—
2.00
—
2.00
—
2.00
%
B1g
CLKOUT frequency jitter (MF > 500)
1
—
3.00
—
3.00
—
3.00
—
3.00
%
B1h
Frequency jitter on EXTCLK 2
—
0.50
—
0.50
—
0.50
—
0.50
%
B2
CLKOUT pulse width low
12.12
—
10.00
—
8.00
—
6.06
—
ns
B3
CLKOUT width high
12.12
—
10.00
—
8.00
—
6.06
—
ns
B4
CLKOUT rise time 3
—
4.00
—
4.00
—
4.00
—
4.00
ns
B533
CLKOUT fall time3
—
4.00
—
4.00
—
4.00
—
4.00
ns
B7
CLKOUT to A(0:31), BADDR(28:30),
RD/WR, BURST, D(0:31), DP(0:3)
invalid
7.58
—
6.25
—
5.00
—
3.80
—
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com