Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC860 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # MPC860
Description  Hardware Specifications
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC860 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MPC860 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC860 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC860 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC860 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC860 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC860 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC860 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC860 Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC860 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 80 page
background image
MPC860 Family Hardware Specifications, Rev. 7
6
Freescale Semiconductor
Thermal Characteristics
4
Thermal Characteristics
Table 4 shows the thermal characteristics for the MPC860.
Table 2. Maximum Tolerated Ratings
(GND = 0 V)
Rating
Symbol
Value
Unit
Supply voltage 1
1
The power supply of the device must start its ramp from 0.0 V.
VDDH
–0.3 to 4.0
V
VDDL
–0.3 to 4.0
V
KAPWR
–0.3 to 4.0
V
VDDSYN
–0.3 to 4.0
V
Input voltage 2
2
Functional operating conditions are provided with the DC electrical specifications in Table 6. Absolute maximum
ratings are stress ratings only; functional operation at the maxima is not guaranteed. Stress beyond those listed may
affect device reliability or cause permanent damage to the device.
Caution: All inputs that tolerate 5 V cannot be more than 2.5 V greater than the supply voltage. This restriction applies
to power-up and normal operation (that is, if the MPC860 is unpowered, voltage greater than 2.5 V must not be
applied to its inputs).
Vin
GND – 0.3 to
VDDH
V
Temperature 3 (standard)
3
Minimum temperatures are guaranteed as ambient temperature, TA. Maximum temperatures are guaranteed as
junction temperature, Tj.
TA(min)
0
°C
Tj(max)
95
°C
Temperature 3 (extended)
TA(min)
–40
°C
Tj(max)
95
°C
Storage temperature range
Tstg
–55 to 150
°C
Table 3. Package Description
Package Designator
Package Code (Case No.)
Package Description
ZP
5050 (1103-01)
PBGA 357 25*25*0.9P1.27
ZQ / VR
5058 (1103D-02)
PBGA 357 25*25*1.2P1.27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com