Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC860 Datasheet(PDF) 18 Page - Freescale Semiconductor, Inc

Part # MPC860
Description  Hardware Specifications
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC860 Datasheet(HTML) 18 Page - Freescale Semiconductor, Inc

Back Button MPC860 Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC860 Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC860 Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC860 Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC860 Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC860 Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC860 Datasheet HTML 20Page - Freescale Semiconductor, Inc MPC860 Datasheet HTML 21Page - Freescale Semiconductor, Inc MPC860 Datasheet HTML 22Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 80 page
background image
MPC860 Family Hardware Specifications, Rev. 7
18
Freescale Semiconductor
Bus Signal Timing
B31d
CLKOUT falling edge to CS
valid—as requested by control bit
CST1 in the corresponding word in
UPM, EBDF = 1
13.26
17.99
11.28
16.00
9.40
14.13
7.58
12.31
ns
B32
CLKOUT falling edge to BS
valid—as requested by control bit
BST4 in the corresponding word in
UPM
1.50
6.00
1.50
6.00
1.50
6.00
1.50
6.00
ns
B32a
CLKOUT falling edge to BS
valid—as requested by control bit
BST1 in the corresponding word in
UPM, EBDF = 0
7.58
14.33
6.25
13.00
5.00
11.75
3.80
10.54
ns
B32b
CLKOUT rising edge to BS valid—as
requested by control bit BST2 in the
corresponding word in UPM
1.50
8.00
1.50
8.00
1.50
8.00
1.50
8.00
ns
B32c
CLKOUT rising edge to BS valid—as
requested by control bit BST3 in the
corresponding word in UPM
7.58
14.33
6.25
13.00
5.00
11.75
3.80
10.54
ns
B32d
CLKOUT falling edge to BS
valid—as requested by control bit
BST1 in the corresponding word in
UPM, EBDF = 1
13.26
17.99
11.28
16.00
9.40
14.13
7.58
12.31
ns
B33
CLKOUT falling edge to GPL
valid—as requested by control bit
GxT4 in the corresponding word in
UPM
1.50
6.00
1.50
6.00
1.50
6.00
1.50
6.00
ns
B33a
CLKOUT rising edge to GPL
valid—as requested by control bit
GxT3 in the corresponding word in
UPM
7.58
14.33
6.25
13.00
5.00
11.75
3.80
10.54
ns
B34
A(0:31), BADDR(28:30), and D(0:31)
to CS valid—as requested by control
bit CST4 in the corresponding word
in UPM
5.58
—
4.25
—
3.00
—
1.79
—
ns
B34a
A(0:31), BADDR(28:30), and D(0:31)
to CS valid—as requested by control
bit CST1 in the corresponding word
in UPM
13.15
—
10.50
—
8.00
—
5.58
—
ns
B34b
A(0:31), BADDR(28:30), and D(0:31)
to CS valid—as requested by control
bit CST2 in the corresponding word
in UPM
20.73
—
16.75
—
13.00
—
9.36
—
ns
Table 7. Bus Operation Timings (continued)
Num
Characteristic
33 MHz
40 MHz
50 MHz
66 MHz
Unit
Min
Max
Min
Max
Min
Max
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com