Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC860 Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # MPC860
Description  Hardware Specifications
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC860 Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button MPC860 Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC860 Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC860 Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC860 Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC860 Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC860 Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC860 Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC860 Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC860 Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 80 page
background image
MPC860 Family Hardware Specifications, Rev. 7
Freescale Semiconductor
13
Bus Signal Timing
B7a
CLKOUT to TSIZ(0:1), REG, RSV,
AT(0:3), BDIP, PTR invalid
7.58
—
6.25
—
5.00
—
3.80
—
ns
B7b
CLKOUT to BR, BG, FRZ,
VFLS(0:1), VF(0:2) IWP(0:2),
LWP(0:1), STS invalid 4
7.58
—
6.25
—
5.00
—
3.80
—
ns
B8
CLKOUT to A(0:31), BADDR(28:30)
RD/WR, BURST, D(0:31), DP(0:3)
valid
7.58
14.33
6.25
13.00
5.00
11.75
3.80
10.04
ns
B8a
CLKOUT to TSIZ(0:1), REG, RSV,
AT(0:3) BDIP, PTR valid
7.58
14.33
6.25
13.00
5.00
11.75
3.80
10.04
ns
B8b
CLKOUT to BR, BG, VFLS(0:1),
VF(0:2), IWP(0:2), FRZ, LWP(0:1),
STS valid 4
7.58
14.33
6.25
13.00
5.00
11.75
3.80
10.04
ns
B9
CLKOUT to A(0:31), BADDR(28:30),
RD/WR, BURST, D(0:31), DP(0:3),
TSIZ(0:1), REG, RSV, AT(0:3), PTR
High-Z
7.58
14.33
6.25
13.00
5.00
11.75
3.80
10.04
ns
B11
CLKOUT to TS, BB assertion
7.58
13.58
6.25
12.25
5.00
11.00
3.80
11.29
ns
B11a
CLKOUT to TA, BI assertion (when
driven by the memory controller or
PCMCIA interface)
2.50
9.25
2.50
9.25
2.50
9.25
2.50
9.75
ns
B12
CLKOUT to TS, BB negation
7.58
14.33
6.25
13.00
5.00
11.75
3.80
8.54
ns
B12a
CLKOUT to TA, BI negation (when
driven by the memory controller or
PCMCIA interface)
2.50
11.00
2.50
11.00
2.50
11.00
2.50
9.00
ns
B13
CLKOUT to TS, BB High-Z
7.58
21.58
6.25
20.25
5.00
19.00
3.80
14.04
ns
B13a
CLKOUT to TA, BI High-Z (when
driven by the memory controller or
PCMCIA interface)
2.50
15.00
2.50
15.00
2.50
15.00
2.50
15.00
ns
B14
CLKOUT to TEA assertion
2.50
10.00
2.50
10.00
2.50
10.00
2.50
9.00
ns
B15
CLKOUT to TEA High-Z
2.50
15.00
2.50
15.00
2.50
15.00
2.50
15.00
ns
B16
TA, BI valid to CLKOUT (setup time)
9.75
—
9.75
—
9.75
—
6.00
—
ns
B16a
TEA, KR, RETRY, CR valid to
CLKOUT (setup time)
10.00
—
10.00
—
10.00
—
4.50
—
ns
B16b
BB, BG, BR, valid to CLKOUT (setup
time) 5
8.50
—
8.50
—
8.50
—
4.00
—
ns
B17
CLKOUT to TA, TEA, BI, BB, BG, BR
valid (hold time)
1.00
—
1.00
—
1.00
—
2.00
—
ns
B17a
CLKOUT to KR, RETRY, CR valid
(hold time)
2.00
—
2.00
—
2.00
—
2.00
—
ns
Table 7. Bus Operation Timings (continued)
Num
Characteristic
33 MHz
40 MHz
50 MHz
66 MHz
Unit
Min
Max
Min
Max
Min
Max
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com