Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC862T Datasheet(PDF) 78 Page - Freescale Semiconductor, Inc

Part # MPC862T
Description  PowerQUICC??Family Hardware Specifications
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC862T Datasheet(HTML) 78 Page - Freescale Semiconductor, Inc

Back Button MPC862T Datasheet HTML 74Page - Freescale Semiconductor, Inc MPC862T Datasheet HTML 75Page - Freescale Semiconductor, Inc MPC862T Datasheet HTML 76Page - Freescale Semiconductor, Inc MPC862T Datasheet HTML 77Page - Freescale Semiconductor, Inc MPC862T Datasheet HTML 78Page - Freescale Semiconductor, Inc MPC862T Datasheet HTML 79Page - Freescale Semiconductor, Inc MPC862T Datasheet HTML 80Page - Freescale Semiconductor, Inc MPC862T Datasheet HTML 81Page - Freescale Semiconductor, Inc MPC862T Datasheet HTML 82Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 88 page
background image
MPC862/857T/857DSL PowerQUICC™ Family Hardware Specifications, Rev. 3
78
Freescale Semiconductor
Mechanical Data and Ordering Information
IP_A6
UTPB_Split62
MII-TXERR
T6
Input
IP_A7
UTPB_Split72
MII-RXDV
T3
Input
ALE_B
DSCK/AT1
J1
Bidirectional
Three-state
IP_B[0:1]
IWP[0:1]
VFLS[0:1]
H2, J3
Bidirectional
IP_B2
IOIS16_B
AT2
J2
Bidirectional
Three-state
IP_B3
IWP2
VF2
G1
Bidirectional
IP_B4
LWP0
VF0
G2
Bidirectional
IP_B5
LWP1
VF1
J4
Bidirectional
IP_B6
DSDI
AT0
K3
Bidirectional
Three-state
IP_B7
PTR
AT3
H1
Bidirectional
Three-state
OP0
MII-TXD0
UtpClk_Split2
L4
Bidirectional
OP1
L2
Output
OP2
MODCK1
STS
L1
Bidirectional
OP3
MODCK2
DSDO
M4
Bidirectional
BADDR30
REG
K4
Output
BADDR[28:29]
M3, M2
Output
AS
L3
Input
Table 35. Pin Assignments (continued)
Name
Pin Number
Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com