Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC862T Datasheet(PDF) 86 Page - Freescale Semiconductor, Inc

Part # MPC862T
Description  PowerQUICC??Family Hardware Specifications
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC862T Datasheet(HTML) 86 Page - Freescale Semiconductor, Inc

Back Button MPC862T Datasheet HTML 80Page - Freescale Semiconductor, Inc MPC862T Datasheet HTML 81Page - Freescale Semiconductor, Inc MPC862T Datasheet HTML 82Page - Freescale Semiconductor, Inc MPC862T Datasheet HTML 83Page - Freescale Semiconductor, Inc MPC862T Datasheet HTML 84Page - Freescale Semiconductor, Inc MPC862T Datasheet HTML 85Page - Freescale Semiconductor, Inc MPC862T Datasheet HTML 86Page - Freescale Semiconductor, Inc MPC862T Datasheet HTML 87Page - Freescale Semiconductor, Inc MPC862T Datasheet HTML 88Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 86 / 88 page
background image
MPC862/857T/857DSL PowerQUICC™ Family Hardware Specifications, Rev. 3
86
Freescale Semiconductor
Document Revision History
15 Document Revision History
Table 36 lists significant changes between revisions of this document.
Table 36. Document Revision History
Rev. No.
Date
Substantive Changes
0
2001
Initial revision
0.1
9/2001
Change extended temperature from 95 to 105
0.2
11/2001
Revised for new template, changed Table 7 B23 max value @ 66 MHz from 2 ns to 8 ns.
0.3
4/2002
• Timing modified and equations added, for Rev. A and B devices.
• Modified power numbers and temperature ranges. Added ESAR UTOPIA timing.
1.0
9/2002
• Specification changed to include the MPC857T and MPC857DSL.
• Changed maximum operating frequency from 80 MHz to 100 MHz.
• Removed MPC862DP, DT, and SR derivatives and part numbers.
• Corrected power dissipation numbers.
• Changed UTOPIA maximum frequency from 50 MHz to 33 MHz.
• Changed part number ordering information to Rev. B devices only.
• To maximum ratings for temperature, added frequency ranges.
1.1
5/2003
Changed SPI Master Timing Specs. 162 and 164
1.2
8/2003
• Changed B28a through B28d and B29b to show that TRLX can be 0 or 1.
• Non-technical reformatting
2.0
11/2004
• Added a table footnote to Table 5 DC Electrical Specifications about meeting the VIL Max
of the I2C Standard.
• Updated document template.
3.0
2/2006
• Changed Tj from 95C to 105C in table 34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com