Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC862T Datasheet(PDF) 84 Page - Freescale Semiconductor, Inc

Part # MPC862T
Description  PowerQUICC??Family Hardware Specifications
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC862T Datasheet(HTML) 84 Page - Freescale Semiconductor, Inc

Back Button MPC862T Datasheet HTML 80Page - Freescale Semiconductor, Inc MPC862T Datasheet HTML 81Page - Freescale Semiconductor, Inc MPC862T Datasheet HTML 82Page - Freescale Semiconductor, Inc MPC862T Datasheet HTML 83Page - Freescale Semiconductor, Inc MPC862T Datasheet HTML 84Page - Freescale Semiconductor, Inc MPC862T Datasheet HTML 85Page - Freescale Semiconductor, Inc MPC862T Datasheet HTML 86Page - Freescale Semiconductor, Inc MPC862T Datasheet HTML 87Page - Freescale Semiconductor, Inc MPC862T Datasheet HTML 88Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 84 / 88 page
background image
MPC862/857T/857DSL PowerQUICC™ Family Hardware Specifications, Rev. 3
84
Freescale Semiconductor
Mechanical Data and Ordering Information
14.2
Mechanical Dimensions of the PBGA Package
For more information on the printed circuit board layout of the PBGA package, including thermal via
design and suggested pad layout, please refer to Plastic Ball Grid Array Application Note (order number:
AN1231/D) available from your local Freescale sales office. Figure 78 shows the mechanical dimensions
of the PBGA package.
TRST
G19
Input
TDO
DSDO
G17
Output
M_CRS
B7
Input
M_MDIO
H18
Bidirectional
M_TXEN
V15
Output
M_COL
H4
Input
KAPWR
R1
Power
GND
F6, F7, F8, F9, F10, F11, F12, F13, F14, G6, G7, G8, G9, G10, G11,
G12, G13, G14, H6, H7, H8, H9, H10, H11, H12, H13, H14, J6, J7,
J8, J9, J10, J11, J12, J13, J14, K6, K7, K8, K9, K10, K11, K12, K13,
K14, L6, L7, L8, L9, L10, L11, L12, L13, L14, M6, M7, M8, M9, M10,
M11, M12, M13, M14, N6, N7, N8, N9, N10, N11, N12, N13, N14,
P6, P7, P8, P9, P10, P11, P12, P13, P14
Power
VDDL
A8, M1, W8, H19, F4, F16, P4, P16
Power
VDDH
E5, E6, E7, E8, E9, E10, E11, E12, E13, E14, E15, F5, F15, G5,
G15, H5, H15, J5, J15, K5, K15, L5, L15, M5, M15, N5, N15, P5,
P15, R5, R6, R7, R8, R9, R10, R11, R12, R13, R14, R15, T14
Power
N/C
D6, D13, D14, U2, V2
No-connect
1
Classic SAR mode only
2
ESAR mode only
Table 35. Pin Assignments (continued)
Name
Pin Number
Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com