Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC862T Datasheet(PDF) 16 Page - Freescale Semiconductor, Inc

Part # MPC862T
Description  PowerQUICC??Family Hardware Specifications
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC862T Datasheet(HTML) 16 Page - Freescale Semiconductor, Inc

Back Button MPC862T Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC862T Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC862T Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC862T Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC862T Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC862T Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC862T Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC862T Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC862T Datasheet HTML 20Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 88 page
background image
MPC862/857T/857DSL PowerQUICC™ Family Hardware Specifications, Rev. 3
16
Freescale Semiconductor
Bus Signal Timing
Table 7 provides the bus operation timing for the MPC862/857T/857DSL at 33 MHz, 40 Mhz, 50 MHz
and 66 Mhz.
The timing for the MPC862/857T/857DSL bus shown assumes a 50-pF load for maximum delays and a
0-pF load for minimum delays.
Table 7. Bus Operation Timings
Num
Characteristic
33 MHz
40 MHz
50 MHz
66 MHz
Unit
Min
Max
Min
Max
Min
Max
Min
Max
B1
CLKOUT period
30.30
30.30
25.00
30.30
20.00
30.30
15.15
30.30
ns
B1a
EXTCLK to CLKOUT phase skew
(EXTCLK > 15 MHz and MF <= 2)
-0.90
0.90
-0.90
0.90
-0.90
0.90
-0.90
0.90
ns
B1b
EXTCLK to CLKOUT phase skew
(EXTCLK > 10 MHz and MF < 10)
-2.30
2.30
-2.30
2.30
-2.30
2.30
-2.30
2.30
ns
B1c
CLKOUT phase jitter (EXTCLK > 15
MHz and MF <= 2) 1
-0.60
0.60
-0.60
0.60
-0.60
0.60
-0.60
0.60
ns
B1d
CLKOUT phase jitter1
-2.00
2.00
-2.00
2.00
-2.00
2.00
-2.00
2.00
ns
B1e
CLKOUT frequency jitter (MF < 10) 1
—
0.50
—
0.50
—
0.50
—
0.50
%
B1f
CLKOUT frequency jitter (10 < MF <
500) 1
—
2.00
—
2.00
—
2.00
—
2.00
%
B1g
CLKOUT frequency jitter (MF > 500) 1
—
3.00
—
3.00
—
3.00
—
3.00
%
B1h
Frequency jitter on EXTCLK 2
—
0.50
—
0.50
—
0.50
—
0.50
%
B2
CLKOUT pulse width low (MIN = 0.040
x B1)
12.10
—
10.00
—
8.00
—
6.10
—
ns
B3
CLKOUT width high (MIN = 0.040 x
B1)
12.10
—
10.00
—
8.00
—
6.10
—
ns
B4
CLKOUT rise time 3 (MAX = 0.00 x B1
+ 4.00)
—
4.00
—
4.00
—
4.00
—
4.00
ns
B533 CLKOUT fall time3 (MAX = 0.00 x B1 +
4.00)
—
4.00
—
4.00
—
4.00
—
4.00
ns
B7
CLKOUT to A(0:31), BADDR(28:30),
RD/WR, BURST, D(0:31), DP(0:3)
invalid (MIN = 0.25 x B1)
7.60
—
6.30
—
5.00
—
3.80
—
ns
B7a
CLKOUT to TSIZ(0:1), REG, RSV,
AT(0:3), BDIP, PTR invalid (MIN = 0.25
x B1)
7.60
—
6.30
—
5.00
—
3.80
—
ns
B7b
CLKOUT to BR, BG, FRZ, VFLS(0:1),
VF(0:2) IWP(0:2), LWP(0:1), STS
invalid 4 (MIN = 0.25 x B1)
7.60
—
6.30
—
5.00
—
3.80
—
ns
B8
CLKOUT to A(0:31), BADDR(28:30)
RD/WR, BURST, D(0:31), DP(0:3)
valid (MAX = 0.25 x B1 + 6.3)
7.60
13.80
6.30
12.50
5.00
11.30
3.80
10.00
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com