Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC862T Datasheet(PDF) 15 Page - Freescale Semiconductor, Inc

Part # MPC862T
Description  PowerQUICC??Family Hardware Specifications
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC862T Datasheet(HTML) 15 Page - Freescale Semiconductor, Inc

Back Button MPC862T Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC862T Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC862T Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC862T Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC862T Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC862T Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC862T Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC862T Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC862T Datasheet HTML 19Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 88 page
background image
MPC862/857T/857DSL PowerQUICC™ Family Hardware Specifications, Rev. 3
Freescale Semiconductor
15
Layout Practices
7.6
References
Semiconductor Equipment and Materials International
(415) 964-5111
805 East Middlefield Rd.
Mountain View, CA 94043
MIL-SPEC and EIA/JESD (JEDEC) Specifications
800-854-7179 or
(Available from Global Engineering Documents)
303-397-7956
JEDEC Specifications
http://www.jedec.org
1. C.E. Triplett and B. Joiner, “An Experimental Characterization of a 272 PBGA Within an Automotive
Engine Controller Module,” Proceedings of SemiTherm, San Diego, 1998, pp. 47-54.
2. B. Joiner and V. Adams, “Measurement and Simulation of Junction to Board Thermal Resistance and
Its Application in Thermal Modeling,” Proceedings of SemiTherm, San Diego, 1999, pp. 212-220.
8
Layout Practices
Each VCC pin on the MPC862/857T/857DSL should be provided with a low-impedance path to the board’s
supply. Each GND pin should likewise be provided with a low-impedance path to ground. The power
supply pins drive distinct groups of logic on chip. The V
CC power supply should be bypassed to ground
using at least four 0.1 µF by-pass capacitors located as close as possible to the four sides of the package.
The capacitor leads and associated printed circuit traces connecting to chip V
CC and GND should be kept
to less than half an inch per capacitor lead. A four-layer board is recommended, employing two inner
layers as VCC and GND planes.
All output pins on the MPC862/857T/857DSL have fast rise and fall times. Printed circuit (PC) trace
interconnection length should be minimized in order to minimize undershoot and reflections caused by
these fast output switching times. This recommendation particularly applies to the address and data busses.
Maximum PC trace lengths of six inches are recommended. Capacitance calculations should consider all
device loads as well as parasitic capacitances due to the PC traces. Attention to proper PCB layout and
bypassing becomes especially critical in systems with higher capacitive loads because these loads create
higher transient currents in the V
CC and GND circuits. Pull up all unused inputs or signals that will be
inputs during reset. Special care should be taken to minimize the noise levels on the PLL supply pins.
9
Bus Signal Timing
The maximum bus speed supported by the MPC862/857T/857DSL is 66 MHz. Higher-speed parts must
be operated in half-speed bus mode (for example, an MPC862/857T/857DSL used at 80MHz must be
configured for a 40 MHz bus). Table 6 shows the period ranges for standard part frequencies.
Table 6. Period Range for Standard Part Frequencies
Freq
50 MHz
66 MHz
80 MHz
100 MHz
Min
Max
Min
Max
Min
Max
Min
Max
Period
20.00
30.30
15.15
30.30
25.00
30.30
20.00
30.30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com