Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

17533 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # 17533
Description  0.7 A 6.8 V Dual H-Bridge Motor Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

17533 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  17533 Datasheet HTML 1Page - Freescale Semiconductor, Inc 17533 Datasheet HTML 2Page - Freescale Semiconductor, Inc 17533 Datasheet HTML 3Page - Freescale Semiconductor, Inc 17533 Datasheet HTML 4Page - Freescale Semiconductor, Inc 17533 Datasheet HTML 5Page - Freescale Semiconductor, Inc 17533 Datasheet HTML 6Page - Freescale Semiconductor, Inc 17533 Datasheet HTML 7Page - Freescale Semiconductor, Inc 17533 Datasheet HTML 8Page - Freescale Semiconductor, Inc 17533 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
3
17533
PIN CONNECTIONS
PIN CONNECTIONS
Figure 3. 17533 Pin Connections
Table 1. PIN Function Description
Pin
Pin Name
Formal Name
Definition
1
OUT1A
H-Bridge Output 1A
Output A of H-Bridge channel 1.
2
VM1
Motor Drive Power Supply 1
Positive power source connection for H-Bridge 1 (Motor Drive Power Supply).
3
IN1A
Logic Input Control 1A
Logic input control of OUT1A (refer to Table 5, Truth Table, page 7).
4
IN1B
Logic Input Control 1B
Logic input control of OUT1B (refer to Table 5, Truth Table, page 7).
5
VDD
Logic Supply
Control circuit power supply pin.
6
OE
Output Enable
Logic output Enable control of H-Bridges (Low = True).
7
LGND
Logic Ground
Low-current logic signal ground.
8
OUT1B
H-Bridge Output 1B
Output B of H-Bridge channel 1.
9
PGND1
Power Ground 1
High-current power ground 1.
10
OUT2B
H-Bridge Output 2B
Output B of H-Bridge channel 2.
11
VM2
Motor Drive Power Supply 2
Positive power source connection for H-Bridge 2 (Motor Drive Power Supply).
12
VG
Gate Driver Circuit Voltage Input
Input pin for the gate drive voltage.
13
IN2B
Logic Input Control 2B
Logic input control of OUT2B (refer to Table 5, Truth Table, page 7).
14
IN2A
Logic Input Control 2A
Logic input control of OUT2A (refer to Table 5, Truth Table, page 7).
15
OUT2A
H-Bridge Output 2A
Output A of H-Bridge channel 2.
16
PGND2
Power Ground 2
High-current power ground 2.
1
2
3
4
5
6
7
89
10
11
12
13
14
15
16
OUT2A
IN2A
IN2B
VG
VM2
OUT2B
PGND1
OUT1A
VM1
IN1A
IN1B
VDD
OE
LGND
OUT1B
PGND2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com