Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

17533 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # 17533
Description  0.7 A 6.8 V Dual H-Bridge Motor Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

17533 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  17533 Datasheet HTML 1Page - Freescale Semiconductor, Inc 17533 Datasheet HTML 2Page - Freescale Semiconductor, Inc 17533 Datasheet HTML 3Page - Freescale Semiconductor, Inc 17533 Datasheet HTML 4Page - Freescale Semiconductor, Inc 17533 Datasheet HTML 5Page - Freescale Semiconductor, Inc 17533 Datasheet HTML 6Page - Freescale Semiconductor, Inc 17533 Datasheet HTML 7Page - Freescale Semiconductor, Inc 17533 Datasheet HTML 8Page - Freescale Semiconductor, Inc 17533 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
5
17533
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
Table 3. Static Electrical Characteristics
Characteristics noted under conditions TA = 25°C, VDD = VM = 5.0 V, GND = 0 V unless otherwise noted. Typical values noted
reflect the approximate parameter means at TA = 25°C under nominal conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
POWER
Motor Supply Voltage
VM
2.0
5.0
6.8
V
Logic Supply Voltage
VDD
2.7
5.0
5.7
V
Quiescent Power Supply Current
Driver Circuit Power Supply Current
Logic Supply Current (6)
Gate Driver Circuit Power Supply Current
I
QM
I
QVDD
I
QVG
1.0
20
150
µA
Operating Power Supply Current
Logic Supply Current (7)
Gate Driver Circuit Power Supply Current (8)
I
VDD
I
VG
3.0
0.7
mA
Low VDD Detection Voltage
(9)
VDD DET
1.5
2.0
2.5
V
Driver Output ON Resistance
Source
+Sink at IO = 0.7 A
(10)
VG = 9.5 V, VM = 5.0 V, TA = 25°C
(11)
RDS(ON)
RDS(ON)2
0.8
1.2
1.5
GATE DRIVE
Gate Drive Circuit Power Supply Voltage
VG
12
13
13.5
V
CONTROL LOGIC
Logic Input Voltage
VIN
0
VDD
V
Logic Inputs (2.7 V <
VDD < 5.7 V)
High-Level Input Voltage
Low-Level Input Voltage
High-Level Input Current
Low-Level Input Current
OE
Pin Input Current Low
VIH
VIL
IIH
IIL
IIL-OE
VDD x 0.7
-1.0
50
VDD x 0.3
1.0
100
V
V
µA
µA
µA
Notes
6.
IQVDD includes the current to predriver circuit.
7.
I
VDD includes the current to predriver circuit at fIN = 100 kHz.
8.
At fIN = 20 kHz.
9.
Detection voltage is defined as when the output becomes high-impedance after VDD drops below the detection threshold. When gate
voltage VG is applied from an external source, VG = 7.5 V.
10.
The total H-Bridge ON resistance when VG is 13V.
11.
Increased RDS(ON) value as the result of a reduced VG value of 9.5 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com