Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

17533 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # 17533
Description  0.7 A 6.8 V Dual H-Bridge Motor Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

17533 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  17533 Datasheet HTML 1Page - Freescale Semiconductor, Inc 17533 Datasheet HTML 2Page - Freescale Semiconductor, Inc 17533 Datasheet HTML 3Page - Freescale Semiconductor, Inc 17533 Datasheet HTML 4Page - Freescale Semiconductor, Inc 17533 Datasheet HTML 5Page - Freescale Semiconductor, Inc 17533 Datasheet HTML 6Page - Freescale Semiconductor, Inc 17533 Datasheet HTML 7Page - Freescale Semiconductor, Inc 17533 Datasheet HTML 8Page - Freescale Semiconductor, Inc 17533 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Analog Integrated Circuit Device Data
2
Freescale Semiconductor
17533
INTERNAL BLOCK DIAGRAM
INTERNAL BLOCK DIAGRAM
Figure 2. 17533 Simplified Internal Block Diagram
VM1
OUT2B
OUT2A
OUT1A
PGND2
IN1A
IN1B
VDD
Low-
Shutdown
Level Shifter
VM2
OUT1B
IN2A
IN2B
OE
LGND
PGND1
Control
Predriver
Voltage
H-Bridge 1
H-Bridge 2
Logic
VDD
VG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com