Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

17533 Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # 17533
Description  0.7 A 6.8 V Dual H-Bridge Motor Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

17533 Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button 17533 Datasheet HTML 4Page - Freescale Semiconductor, Inc 17533 Datasheet HTML 5Page - Freescale Semiconductor, Inc 17533 Datasheet HTML 6Page - Freescale Semiconductor, Inc 17533 Datasheet HTML 7Page - Freescale Semiconductor, Inc 17533 Datasheet HTML 8Page - Freescale Semiconductor, Inc 17533 Datasheet HTML 9Page - Freescale Semiconductor, Inc 17533 Datasheet HTML 10Page - Freescale Semiconductor, Inc 17533 Datasheet HTML 11Page - Freescale Semiconductor, Inc 17533 Datasheet HTML 12Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
9
17533
TYPICAL APPLICATIONS
INTRODUCTION
TYPICAL APPLICATIONS
INTRODUCTION
Figure 6 shows a typical application for the 17533. When
applying the gate voltage to the VG pin from an external
source, be sure to connect it via a resistor equal to, or greater
than, RG = VG/0.02 Ω.
Care must be taken to provide sufficient gate-source
voltage for the high-side MOSFETs when VM >> VDD (e.g.,
VM = 5.0 V, VDD = 3.0 V), in order to ensure full enhancement
of the high-side MOSFET channels.
Figure 6. 17533 Typical Application Diagram
CEMF SNUBBING TECHNIQUES
Care must be taken to protect the IC from potentially
damaging CEMF spikes induced when commuting currents
in inductive loads. Typical practice is to provide snubbing of
voltage transients by placing a zener or a capacitor at the
supply pin (VM) (see Figure 7).
Figure 7. CEMF Snubbing Techniques
PCB LAYOUT
When designing the printed circuit board (PCB), connect
sufficient capacitance between power supply and ground
pins to ensure proper filtering from transients. For all high-
current paths, use wide copper traces and shortest possible
distances.
MCU
17533
5.0 V
GND
VG
IN1B
IN2A
IN2B
OE
VM
VDD
OUT1B
OUT2B
0.01
µF
OUT1A
IN1A
OUT2A
VG < 14 V
RG > VG/0.02 Ω
RG
17533
5.0 V
5.0 V
GND
VM
VDD
OUT
OUT
OUT
OUT
17533
5.0 V
5.0 V
GND
VM
VDD
OUT
OUT
OUT
OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com