Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

17533 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # 17533
Description  0.7 A 6.8 V Dual H-Bridge Motor Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

17533 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  17533 Datasheet HTML 1Page - Freescale Semiconductor, Inc 17533 Datasheet HTML 2Page - Freescale Semiconductor, Inc 17533 Datasheet HTML 3Page - Freescale Semiconductor, Inc 17533 Datasheet HTML 4Page - Freescale Semiconductor, Inc 17533 Datasheet HTML 5Page - Freescale Semiconductor, Inc 17533 Datasheet HTML 6Page - Freescale Semiconductor, Inc 17533 Datasheet HTML 7Page - Freescale Semiconductor, Inc 17533 Datasheet HTML 8Page - Freescale Semiconductor, Inc 17533 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Document Number: MPC17533
Rev. 3.0, 7/2006
Freescale Semiconductor
Advance Information
* This document contains certain information on a new product.
Specifications and information herein are subject to change without notice.
© Freescale Semiconductor, Inc., 2006. All rights reserved.
0.7 A 6.8 V Dual H-Bridge Motor
Driver
The 17533 is a monolithic dual H-Bridge power IC ideal for portable
electronic applications containing bipolar stepper motors and/or brush
DC-motors (e.g., cameras and disk drive head positioners).
The 17533 operates from 2.0 V to 6.8 V, with independent control of
each H-Bridge via parallel MCU interface (3.0 V- and 5.0 V-compatible
logic). The device features built-in shoot-through current protection
and an undervoltage shutdown function.
The 17533 has four operating modes: Forward, Reverse, Brake,
and Tri-Stated (High Impedance). The 17533 has a low total RDS(ON)
of 1.2
Ω (max @ 25°C).
The 17533’s low output resistance and high slew rates provide
efficient drive for many types of micromotors.
Features
• Low Total RDS(ON) 0.8 Ω (Typ), 1.2 Ω (Max) @ 25°C
• Output Current 0.7 A (DC), 1.4 A (Peak)
• Shoot-Through Current Protection Circuit
•3.0 V/5.0 V CMOS-Compatible Inputs
• PWM Control Input Frequency up to 200 kHz
• Built-In 2-Channel H-Bridge Driver
• Low Power Consumption
• Undervoltage Detection and Shutdown Circuit
• Pb-Free Packaging Designated by Suffix Code EV
Figure 1. 17533 Simplified Application Diagram
H-BRIDGE MOTOR DRIVER
EV SUFFIX (Pb-FREE)
98ASA10614D
16-PIN VMFP
17533
ORDERING INFORMATION
Device
Temperature
Range (TA)
Package
MPC17533EV/EL
-20°C to 65°C
16 VMFP
VDD
VG
IN2B
OE
IN2A
IN1A
OUT2B
OUT2A
OUT1B
OUT1A
VM
GND
MCU
IN1B
5.0 V
13 V
5.0 V
17533
Bipolar
Step
Motor
N
S


Similar Part No. - 17533

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
17533 ETC2-17533 Datasheet
2Mb / 6P
Except for the Wattmeters Frequency Meters
logo
Weidmuller
1753300000 WEIDMULLER-1753300000 Datasheet
100Kb / 5P
PCB connection systems
logo
PHOENIX CONTACT
1753307 PHOENIX-1753307 Datasheet
69Kb / 3P
Printed-circuit board connector - CCDN 2,5/ 2-G1F-5,08 P26 THR
1753310 PHOENIX-1753310 Datasheet
69Kb / 3P
Printed-circuit board connector - CCDN 2,5/ 3-G1F-5,08 P26THR
1753323 PHOENIX-1753323 Datasheet
69Kb / 3P
Printed-circuit board connector - CCDN 2,5/ 4-G1F-5,08 P26THR
More results

Similar Description - 17533

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC17529 MOTOROLA-MPC17529 Datasheet
450Kb / 12P
0.7 A Dual H-Bridge Motor Driver with 3.0V/5.0V Compatible Logic I/O
logo
Freescale Semiconductor...
MPC17517 FREESCALE-MPC17517 Datasheet
489Kb / 12P
1.0 A 6.8 V Dual Motor Driver IC
17511A FREESCALE-17511A Datasheet
222Kb / 16P
1.0 A 6.8 V H-Bridge Motor Driver IC
17517 FREESCALE-17517 Datasheet
393Kb / 14P
1.0 A 6.8 V Dual Motor Driver IC
17529 FREESCALE-17529 Datasheet
431Kb / 12P
0.7 A Dual H-Bridge Motor Driver with 3.0 V/5.0 V Compatible Logic I/O
MPC17511A FREESCALE-MPC17511A Datasheet
852Kb / 17P
1.0 A 6.8 V H-Bridge Motor Driver IC
logo
Renesas Technology Corp
HD74HC670 RENESAS-HD74HC670 Datasheet
106Kb / 9P
1.0 A 6.8 V H-Bridge Motor Driver IC
HD74LV2GT04A RENESAS-HD74LV2GT04A Datasheet
83Kb / 8P
1.0 A 6.8 V H-Bridge Motor Driver IC
logo
Texas Instruments
DRV8848 TI1-DRV8848_16 Datasheet
1,018Kb / 27P
Dual H-Bridge Motor Driver
DRV8881 TI1-DRV8881 Datasheet
1Mb / 45P
2.5-A Dual H-Bridge Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com