Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC18730EPR2 Datasheet(PDF) 24 Page - Freescale Semiconductor, Inc

Part # MPC18730EPR2
Description  Power Management IC with Five Regulated Outputs Programmed Through 3 Wire Serial Interface
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC18730EPR2 Datasheet(HTML) 24 Page - Freescale Semiconductor, Inc

Back Button MPC18730EPR2 Datasheet HTML 20Page - Freescale Semiconductor, Inc MPC18730EPR2 Datasheet HTML 21Page - Freescale Semiconductor, Inc MPC18730EPR2 Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC18730EPR2 Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC18730EPR2 Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC18730EPR2 Datasheet HTML 25Page - Freescale Semiconductor, Inc MPC18730EPR2 Datasheet HTML 26Page - Freescale Semiconductor, Inc MPC18730EPR2 Datasheet HTML 27Page - Freescale Semiconductor, Inc MPC18730EPR2 Datasheet HTML 28Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 35 page
background image
Analog Integrated Circuit Device Data
24
Freescale Semiconductor
18730
FUNCTIONAL DEVICE OPERATION
LOGIC COMMANDS AND REGISTERS
LOGIC COMMANDS AND REGISTERS
REGISTER MAPPINGS
CLEAR: CLEAR Control
1 = CLEAR is high
0 = CLEAR is low
SLEEP: SLEEP Control
1 = SLEEP is high
0 = SLEEP is low
Reserved: Freescale defined register
*1
1 = Forbidden
0 = Required
Reserved: Freescale defined register
*1
1 = Forbidden
0 = Required
Reserved: Freescale defined register
*1
1 = Forbidden
0 = Required
Reserved : Freescale defined register
*1
1 = Forbidden
0 = Required
Reserved : Freescale defined register
*1
1 = Forbidden
0 = Required
Reserved: Freescale defined register
*1
1 = Forbidden
0 = Required
Note: Do NOT change Reserved Register from default
value.
*1: Data write to this address (1000) is allowed for the
most significant two bits only. The least significant 6 bits are
only used for the factory test. When writing data, always write
0 to these six bits.
PSW1: VOUT1 Power Switch control
1 = Power Switch on
0 = Power Switch off
PSW2: VOUT2 Power Switch control
1 = Power Switch on
0 = Power Switch off
PGOOD1: PGOOD1 Mask
*1
1 = PGOOD1 mask on
0 = PGOOD1 mask off
VO2_SENSE: DC/DC Converter Channel 2 output Control
*2
1 = DDC2 on
0 = DDC2 off
SREG1: Series Pass Regulator Channel1 output Control
1 = Regulator on
0 = Regulator off
SREG2: Series Pass Regulator Channel2 output
Control *3
1 = Regulator off
0 = Regulator on
SREG3: Series Pass Regulator Channel3 output Control
1 = Regulator on
0 = Regulator off
PGOOD2: PGOOD2 Mask
*1
1 = PGOOD2 mask on
0 = PGOOD2 mask off
*1: When switching the output voltage of VO1_SENSE (2),
write 1 to the PGOOD1 (2) Mask bit in advance to fix the rest
output to High for preventing erroneous operation.
*2: When turning DDC2 OFF, set the PGOOD2 bit to High
to Mask PGOOD2. If you turn DDC2 OFF, the power switch
2 also turns OFF.
Table 17. CLEAR and SLEEP Control Register
1000
Data1
Data2
Bit
3
2
1
0
3
2
1
0
Name
CLEAR
SLEEP
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Default
0
0
0
0
0
0
0
0
Table 18. Power Mode Register
0001
Data1
Data2
Bit
3
2
1
0
3
2
1
0
Name
PSW1
PSW2
PGOOD1
VOUT2
SREG1
SREG2
SREG3
PGOOD2
Default
1
1
0
1
1
1
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com