Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC18730EPR2 Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # MPC18730EPR2
Description  Power Management IC with Five Regulated Outputs Programmed Through 3 Wire Serial Interface
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC18730EPR2 Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MPC18730EPR2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC18730EPR2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC18730EPR2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC18730EPR2 Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC18730EPR2 Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC18730EPR2 Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC18730EPR2 Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC18730EPR2 Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC18730EPR2 Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
Analog Integrated Circuit Device Data
10
Freescale Semiconductor
18730
ELECTRICAL CHARACTERISTICS
DYNAMIC
DYNAMIC
Table 4. Dynamic Electrical Characteristics
Characteristics noted under conditions VBATT = 1.2 V, VO1_SENSE = 2.4 V, VGATE = 6.0 V, fCLK = 176.4 kHz unless
otherwise noted. Typical values noted reflect the approximate parameter means at TA = 27°C under nominal conditions unless
otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
OSCILLATOR
Internal Oscillation Frequency
fICK
150
200
250
kHz
MICRO CONTROLLER INTERFACE
Clock Signal Input (26)
fCLK
-
176.4
-
kHz
Serial Interface (Refer to Figure 5, Serial Interface Timing Diagrams)
DATA Set Up Time
DATA Hold Time
SCKIN Clock Frequency
SCKIN 'H' Pulse Width
SCKIN 'L' Pulse Width
SCKIN Hold Time
STRB Set Up Time
STRB Pulse Width
ts
th
fsck
twckh
twckl
thck
tssb
twsb
20
20
-
50
50
50
50
50
-
-
6.0
-
-
-
-
-
-
-
-
-
-
-
-
-
nsec
nsec
MHz
nsec
nsec
nsec
nsec
nsec
Notes
26.
Duty 50%.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com