Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC18730EPR2 Datasheet(PDF) 20 Page - Freescale Semiconductor, Inc

Part # MPC18730EPR2
Description  Power Management IC with Five Regulated Outputs Programmed Through 3 Wire Serial Interface
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC18730EPR2 Datasheet(HTML) 20 Page - Freescale Semiconductor, Inc

Back Button MPC18730EPR2 Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC18730EPR2 Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC18730EPR2 Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC18730EPR2 Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC18730EPR2 Datasheet HTML 20Page - Freescale Semiconductor, Inc MPC18730EPR2 Datasheet HTML 21Page - Freescale Semiconductor, Inc MPC18730EPR2 Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC18730EPR2 Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC18730EPR2 Datasheet HTML 24Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 35 page
background image
Analog Integrated Circuit Device Data
20
Freescale Semiconductor
18730
FUNCTIONAL DEVICE OPERATION
OPERATIONAL MODES
POWER SUPPLY VO1_SENSE, VO2_SENSE:
LI-ION
The VBATT voltage falls and is output to VO1_SENSE.
When using Li_ion, duty limit due to DMAX1 is not applied to
the switch. When PGOOD2(int) is High, the power switch
turns ON to output the VO1_SENSE voltage to VOUT1.
Capacitance value which is connected to VO1_SENSE
should be higher than the capacitor connected to VOUT1.
The VBATT voltage falls using only the internal transistor
and is output to VO2_SENSE. When using Li_ion, duty limit
due to DMAX2 is not applied to the switch, and HG and LG
are Low. When PGOOD2(int) is High, the power switch turns
ON to output the VO2_SENSE_IN voltage to VOUT2. If you
turn DDC2 OFF using the register, the power switch 2 also
turns OFF. Capacitance value which is connected to
VO2_SENSE_IN should be higher than the capacitor
connected to VOUT2.
SERIES PASS POWER SUPPLY
The series pass outputs the SREGI1 voltage to SREGO1,
the SREGI2 voltage to SREGO2, and the SREGI3 voltage to
SREGO3. If you use MOSFET as the external component in
this case, connect the gate to SREG2G.
Table 11. Output Voltage of VO2_SENSE
Address: 0100(33)
B7
B6
B5
B4
B3
B2
B1
S_Off_VO2_SENSE
VO2_SENSE [V]
L
L
L
L
L
L
L
X
0.805
L
L
L
L
L
L
H
X
0.811
L
L
L
L
L
H
L
X
0.816
L
L
L
L
H
L
L
X
0.827
L
L
L
H
L
L
L
X
0.849
L
L
H
L
L
L
L
X
0.893
L
H
L
L
L
L
L
X
0.980
H
L
L
L
L
L
L
X
1.155
H
L
L
L
L
L
H
X
1.161
H
L
L
L
L
H
L
X
1.166
H
L
L
L
H
L
L
X
1.177
H
L
L
H
L
L
L
X
1.199
H
L
H
L
L
L
L
X
1.243
H
H
L
L
L
L
L
X
1.330
H
H
H
H
H
H
H
X
1.500
Notes
30.
All combinations of input are not included
Table 12. Output Voltage of SREG1
Address: 0101(31)
B7
B6
B5
B4
B3
B2
B1
Reserved
SREG1 [V](33)
L
L
L
L
L
L
L
H
0.865
L
L
L
L
L
L
H
H
0.880
L
L
L
L
L
H
L
H
0.895
L
L
L
L
H
L
L
H
0.926
L
L
L
H
L
L
L
H
0.986
L
L
H
L
L
L
L
H
1.107



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com