Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC18730EPR2 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # MPC18730EPR2
Description  Power Management IC with Five Regulated Outputs Programmed Through 3 Wire Serial Interface
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC18730EPR2 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MPC18730EPR2 Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC18730EPR2 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC18730EPR2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC18730EPR2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC18730EPR2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC18730EPR2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC18730EPR2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC18730EPR2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC18730EPR2 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
Analog Integrated Circuit Device Data
4
Freescale Semiconductor
18730
PIN CONNECTIONS
7
LVB
Input
Low Voltage Battery
VB Power Supply Connection for Ni_mh
8
HVB
Input
High Voltage Battery
VB Power Supply Connection for Li_ion
9
V_STDBY
Output
Standby Voltage
V_STDBY Voltage Output
10
VO1_SENSE
Input
Voltage Input 1
Switching Power Supply Circuit 1, VO1_SENSE Voltage Input,
VO1_SENSE Power Supply
11
VOUT1
Output
Voltage Output 1
Power Switch 1 Output
12
VIN1
Output
Voltage Output 1
Switching Power Supply Circuit 1 Output
13
SW1
Power
Switching 1
Switching Power Supply Circuit 1 Coil Connection
14
SW1
Power
Switching 1
Switching Power Supply Circuit 1 Coil Connection
15
PGND1
Ground
Power Ground 1
Switching Power Supply Circuit 1 Power GND
16
PGND1
Ground
Power Ground 1
Switching Power Supply Circuit 1 Power GND
17
PGOOD1
Output
Inverted Reset
Output 1
Reset Circuit 1 Reset Signal Output
18
PGOOD1_DELAY
Input
Reset Delay
Capacitor 1
Reset Circuit 1 Reset Signal Delaying Capacitor Connection
19
RESET1_TH
Output
Reset1 Adjustment
Switching Power Supply Circuit 1 Reset Voltage Reference Output
20
DMAX1
Power
Duty Control
Switching Power Supply Circuit 1 Maximum Duty Setting
21
EAOUT1
Output
Reference Feedback
1
Switching Power Supply Circuit 1 Error Amp Output
22
EAIN1
Input
Input Minus 1
Switching Power Supply Circuit 1 Error Amp Inverse Input
23
CH_PUMP
Power
Charge Pump
Capacitor
VGATE Power Supply Circuit Charge Pump Capacitor Connection
24
VGATE
Output
Gate Voltage
VGATE Power Supply Circuit Voltage Output, Pre-Diver Circuit Power
Supply
25
SWGATE
Power
Switching
VGATE Power Supply Circuit Coil Connection
26
GNDGATE
Ground
Power Ground 3
VGATE Power Supply Circuit Power GND
27
VBATT
Power
Battery Voltage
VB Power Supply Connection
28
VGATESEL2
Output
VGATE Select 2
VG Power Supply Circuit Output Voltage Setting 2
29
VGATESEL1
Output
VGATE Select 1
VGATE Power Supply Circuit Output Voltage Setting 1
30
EAIN2
Input
Input Minus
Switching Power Supply Circuit 2 Error Amp Inverting Input
31
EAOUT2
Output
Reference Feedback
2
Switching Power Supply Circuit 2 Error Amp Output
32
DMAX2
Power
Duty Control
Switching Power Supply Circuit 2 Maximum Duty Setting
33
PGOOD2_DELAY
Input
Reset Delay
Capacitor 1
Reset Circuit 2 Reset Signal Delay Capacitor Connection
34
PGOOD2
Output
Inverted Reset
Output 2
Reset Circuit 2 Reset Signal Output
35
PGND2
Ground
Power Ground 2
Switching Power Supply Circuit 2 Power GND
36
PGND2
Ground
Power Ground 2
Switching Power Supply Circuit 2 Power GND
Table 1. MPC18730 Pin Definitions (continued)
A functional description of each pin can be found in the Functional Pin Description section beginning on page 14.
Pin Number
Pin Name
Pin
Function
Formal Name
Definition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com