Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC18730EPR2 Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # MPC18730EPR2
Description  Power Management IC with Five Regulated Outputs Programmed Through 3 Wire Serial Interface
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC18730EPR2 Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button MPC18730EPR2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC18730EPR2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC18730EPR2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC18730EPR2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC18730EPR2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC18730EPR2 Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC18730EPR2 Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC18730EPR2 Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC18730EPR2 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
Analog Integrated Circuit Device Data
8
Freescale Semiconductor
18730
ELECTRICAL CHARACTERISTICS
STATIC
Switching Power Supply 2
VOUT2 Output Voltage (Io = 0~80 mA)
HG Output Voltage (11) (Isource = 400 µA)
(Isink = 400 µA)
LG Output Voltage (11) (Isource = 400 µA)
(Isink = 400 µA)
VOUT2
VDW2TH
VDW2TL
VDW2BH
VDW2BL
1.05
5.2
0
5.2
0
1.15
-
-
-
-
1.25
VGATE
0.3
VGATE
0.3
V
Series Pass Power Supply Circuit
SREG1 Control Voltage (Io = 5~60 mA)
(12)
SREG1-Error AMP Input offset voltage (13)
SREG2 Control Voltage (Io = 6~80 mA)
(12)
SREG2-Error AMP Input offset voltage (14)
SREG3 Control Voltage (Io = 5~60 mA)
(12)
SREG3-Error AMP Input offset voltage (15)
SREG2G Output Voltage (16) (Isource = 2.5 µA)
(Isink = 2.5 µA)
VSREG1
SR1OFST
VSREG2
SR2OFST
VSREG3
SR3OFST
SREG2GH
SREG2GL
2.7
-13.5
2.7
-17
2.7
-11
5.0
0
2.8
-
2.8
-
2.8
-
-
-
2.9
24.5
2.9
17
2.9
23
VGATE
0.5
V
mV
V
mV
V
mV
V
V
Power Switch On Resistance
VOUT1 Circuit
VOUT2 Circuit
RVOUT1
RVOUT2
-
-
0.4
0.4
0.6
0.6
W
VGATE Power Supply Circuit
(Io = 0~6 mA)
(17)
(Io = 0~6 mA)
(18)
CH_PUMP Output Voltage (Isource = 2.5 mA)
(Isink = 2.5 mA)
VGH Voltage (Certified value)
VGATE_00
VGATE_10
VO1_SENSE1LH
VO1_SENSE_1LL
VGH
5.5
4.6
VB x 0.85
0
-
6.0
5.0
-
-
-
6.5
5.4
VB
0.4
10.5
V
V_STDBY Output Voltage for Li_ion (Io = 300 µA)
(19)
VLVB
1.75
-
2.45
V
Notes
11.
Connect a transistor with gate capacity of 200 pF or smaller to HG and LG
12.
If a capacitor with capacitance of 22 µF is connected to SREGO, use a phase compensation capacitor between SREGO and SREGC
when the load is 5 mA (6 mA for SREG2) or lower. The output voltage values shown in the table assume that external resistance is
connected as follows:
SREGI1 = 3.0 V to 3.3 V, 65.14K
Ω between SREGO1 and SREGC1, 34.86KΩ between SREGC1 and GND.
SREGI2 = 3.0 V to 3.3 V, 54.46K
Ω between SREGO2 and SREGC2, 45.54KΩ between SREGC2 and GND.
SREGI3 = 3.0 V to 3.3 V, 73.84K
Ω between SREGO3 and SREGC3, 26.16KΩ between SREGC3 and GND.
13.
Calculated by the right formula for input offset: SR1OFST = (Vref x 0.77) - (SREGO1
÷ (100k ÷ 34.86k))
14.
Calculated by the right formula for input offset: SR2OFST = (Vref x 1) - (SREGO1
÷ (100k ÷ 45.54k))
15.
Calculated by the right formula for input offset: SR3OFST = (Vref x 0.58) - (SREGO1
÷ (100k ÷ 26.16k))
16.
Connect a transistor with gate capacity of 300 pF or smaller to REG2G.
17.
When VGATESEL1 is Low and VGATESEL2 is Low, I/O = 3 mA or higher is certified by specification.
18.
When VGATESEL1 is High and VGATESEL2 is Low, I/O = 3 mA or higher is certified by specification.
19.
When HVB is 4.2 V and the load from V_STDBY is 0.5
µA or higher.
Table 3. Static Electrical Characteristics (continued)
Characteristics noted under conditions VBATT = 1.2 V, VO1_SENSE = 2.4 V, VGATE= 6.0 V, fCLK = 176.4 kHz unless
otherwise noted. Typical values noted reflect the approximate parameter means at TA = 27°C under nominal conditions unless
otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com