Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T1N080TL Datasheet(PDF) 26 Page - ABB

Part # T1N080TL
Description  Tmax Molded Case Circuit Breakers
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

T1N080TL Datasheet(HTML) 26 Page - ABB

Back Button T1N080TL Datasheet HTML 22Page - ABB T1N080TL Datasheet HTML 23Page - ABB T1N080TL Datasheet HTML 24Page - ABB T1N080TL Datasheet HTML 25Page - ABB T1N080TL Datasheet HTML 26Page - ABB T1N080TL Datasheet HTML 27Page - ABB T1N080TL Datasheet HTML 28Page - ABB T1N080TL Datasheet HTML 29Page - ABB T1N080TL Datasheet HTML 30Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 81 page
background image
ABB
23
AC1615S - 03/10
T5
400A / 600A, 600VAC ∆
Electronic and Thermal-Magnetic
T5
General
The T5 breaker is a 400/600 amp frame with either a microprocessor based
over current protective trip system or a thermal magnetic trip unit. (3)
Standards
The UL489/CSA C22.2 No. 5 version of T5 also carries an IEC-60947-2 rating.
Versions
To meet all application requirements, the T5 is available in the following
versions:
T = Thermal-magnetic
B = Selectable & adjustable LI or LS
C = Adjustable LSI
E = Adjustable LSIG
D = Molded Case Switch
E5 = Electronic instantaneous only (MCP)
Trip Functions
These trip functions are available:
L = Long time
S = Short time
I = Instantaneous
G = Ground fault
Performance Levels
Each version is also available in different maximum fault interrupting levels:
N = Normal
S = Standard
H = High
L = Extra high
V = Very high
Number of Poles (4)
The T5 is available as a 2, 3 and 4 pole breaker. The 2 and 3 pole versions have
the same dimensions.
Reverse Feeding
All versions of the T5 family are suitable for reverse feed application.
UL489 / CSA C22.2 Interrupting Capacity (kA RMS)
Voltage
N
S
H
L
V
240VAC
65
100
150
200
200
480VAC
25
35
65
100
150
600VAC
18
25
35
65
100
500VDC (1)
25
35
50
65
100
600VDC (2)
16
25
35
50
65
(1) 2 poles in series.
(2) 3 poles in series.
(3) T5 600A not available with thermal magnetic trip unit.
(4) 2 pole available in N version only. 4 pole available in N and H version only.
Dimensions
3P Fixed Version 8.07H x 5.51W x 4.07D
Weight
8.55 (Ibs)
IEC 60947-2 Interrupting Capacity (kA RMS)
Voltage
N
S
H
L
V
230VAC
70
85
100
200
200
415VAC
36
50
70
120
200
440VAC
30
40
65
100
180
500VAC
25
30
50
85
150
690VAC
20
25
40
70
80
750VDC (2)
16
25
36
50
70
T5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com