Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T1N080TL Datasheet(PDF) 6 Page - ABB

Part # T1N080TL
Description  Tmax Molded Case Circuit Breakers
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

T1N080TL Datasheet(HTML) 6 Page - ABB

Back Button T1N080TL Datasheet HTML 2Page - ABB T1N080TL Datasheet HTML 3Page - ABB T1N080TL Datasheet HTML 4Page - ABB T1N080TL Datasheet HTML 5Page - ABB T1N080TL Datasheet HTML 6Page - ABB T1N080TL Datasheet HTML 7Page - ABB T1N080TL Datasheet HTML 8Page - ABB T1N080TL Datasheet HTML 9Page - ABB T1N080TL Datasheet HTML 10Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 81 page
background image
ABB
3
AC1615S - 03/10
Tmax
Selection Guide
Circuit Breakers for Power Distribution
T4 – T8
Type
Tmax T4
Tmax T5
Tmax T6
Tmax T7
Insulated Case
T8
Frame size
[A]
250
400-600 (3)
800
1000-1200
1600, 2000,
2500 & 3000
3
600
Number of poles
[Nr]
2-3-4 (4)
2-3-4 (4)
3-4
3-4
Rated voltage
AC (50-60Hz)
[V]
600
600
600
600
DC
[V]
600
600
600
T8
Interrupting
ratings
NS
H
L
V
N
S
H
L
V
NS
H
L
S
H
L
T8V
240V AC
[kA rms] 65 100 150 200 200 65 100 150 200 200 65 100 200 200
65
100
150
125
277V AC
[kA rms]
347V AC
[kA rms]
480V AC
[kA rms] 25
35
65 100 150 25
35
65 100 150 35
50
65 100
50
65
100
125
600Y/347V AC
[kA rms]
600V AC
[kA rms] 18
25
35
65 100 18
25
35
65 100 20
25
35
42
25
50
65
100
250V DC (2 poles in series) [kA rms]
500V DC (3 poles in series) [kA rms]
500V DC (2 poles in series) [kA rms] 25
35
50
65 100 25
35
50
65 100 35
35
50
65
600V DC (3 poles in series) [kA rms] 16
25
35
50
65
16
25
35
50
65
20
20
35
50
Trip units
TMF
•
TMD/TMA
••
•
MA
Electronic
•
•
•
•
•
Dimensions
H
[in/mm]
8.07/205
8.07/205
10.55/268
10.55/268
15 / 382
W 3p
[in/mm]
4.13/105
5.51/140
8.26/210
8.26/210
16.8 / 427
D
[in/mm]
4.07/103.5
4.07/103.5
4.07/103.5
6.06/154 (toggle)
7/178 (motor)
11.2 / 282
Mechanical life
[No. operations]
20,000
20,000
20,000
10,000
15,000
(3) T5 600 with electronic trip units only and in three pole version-
(4) 2 pole T4N250 and T5N400 available only in N interrupting capacity.
T4
T5
T6
T7
T8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com