Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T1N080TL Datasheet(PDF) 13 Page - ABB

Part # T1N080TL
Description  Tmax Molded Case Circuit Breakers
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

T1N080TL Datasheet(HTML) 13 Page - ABB

Back Button T1N080TL Datasheet HTML 9Page - ABB T1N080TL Datasheet HTML 10Page - ABB T1N080TL Datasheet HTML 11Page - ABB T1N080TL Datasheet HTML 12Page - ABB T1N080TL Datasheet HTML 13Page - ABB T1N080TL Datasheet HTML 14Page - ABB T1N080TL Datasheet HTML 15Page - ABB T1N080TL Datasheet HTML 16Page - ABB T1N080TL Datasheet HTML 17Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 81 page
background image
10
ABB
AC1615S - 03/10
T3
T3
225A, 600Y/347VAC, 480VAC ∆
Thermal-Magnetic
T3
General
The T3 breaker family ranges from 60 through 225 amperes. The T3 trip units
are non-interchangeable and use the very latest technology in electromagnetic
relays for overcurrent trip protection. Thermal overload protection is provided
by heat sensitive bimetals. Short-circuit protection begins at 10 times the
thermal rating of the breaker using a precise magnetic coil. State of the art
construction in contacts and arcing chambers aid in limiting damaging fault
currents through the protected circuits.
Standards
The UL489/CSA C22.2 No. 5 version of T3 also carries an IEC-60947-2 rating.
Versions
The T3 frame is available in three versions:
T = Thermal-magnetic, fixed
M = Magnetic only (MCP)
D = Molded case switch
Performance Levels
The T3 breaker has two performance levels available:
N = Normal
S = Standard
Number of Poles
The UL/CSA version of the T3 is available in three and four pole versions.
IEC versions of the T3 are also available with the same dimensions up to 250
amperes. Please contact ABB for details.
Molded Case Switches
UL/CSA switches include no overcurrent protection except for a high
instantaneous trip mechanism for self protection.
Reverse Feeding
All versions of the T3 family are suitable for reverse feed application.
UL489 / CSA C22.2 Interrupting Capacity (kA RMS)
Voltage
Continuous Rating
N
S
240VAC
60 – 225A
50
65
480VAC ∆
60 – 225A
25
35
600Y/347VAC
60 – 225A
10
10
250VDC (1)
60 – 225A
25
35
500VDC (2)
60 – 225A
25
35
Dimensions
3P Fixed Version 5.9H x 4.13W x 2.76D
Weight
5.45 (Ibs)
IEC 60947-2 Interrupting Capacity (kA RMS)
Voltage
Continuous Rating
B (1-Pole)
N
230VAC
63 – 250A
50
85
415VAC
63 – 250A
36
50
440V
63 – 250A
25
40
500V
63 – 250A
20
30
690VAC
63 – 250A
5
8
250VDC (1)
63 – 250A
36
50
500VDC (2)
63 – 250A
36
50
(1) 2 poles in series.
(2) 3 poles in series.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com