Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T1N080TL Datasheet(PDF) 56 Page - ABB

Part # T1N080TL
Description  Tmax Molded Case Circuit Breakers
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

T1N080TL Datasheet(HTML) 56 Page - ABB

Back Button T1N080TL Datasheet HTML 52Page - ABB T1N080TL Datasheet HTML 53Page - ABB T1N080TL Datasheet HTML 54Page - ABB T1N080TL Datasheet HTML 55Page - ABB T1N080TL Datasheet HTML 56Page - ABB T1N080TL Datasheet HTML 57Page - ABB T1N080TL Datasheet HTML 58Page - ABB T1N080TL Datasheet HTML 59Page - ABB T1N080TL Datasheet HTML 60Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 81 page
background image
ABB
53
AC1615S - 03/10
Acc.
Technical Data
Electrical Operators
Electrical Operator, T1-T3
Rated Voltage
AC
DC
-
48…60
110...250
110...250
Operating Voltage
85…110% Un
Inrush power absorption during operation
1800 (VA)
1000 (W)
Power on stand by
< 100 (mW)
Time
opening (s)
< 0.1
closing (s)
< 0.1
Minimum control impulse time on
opening and closing (ms)
>100
This unit is permanently supplied on stand by, a control is applied by means of external
contact in a low power circuit.
Contact characteristics: Voltage AC/DC=24V
Current 50 mA
Electrical Operator, Ts3
Rated Voltage
AC
DC
-24
-
48…60
120
125
240
250
440
-
Operating Voltage
85…110 % Un
Inrush power absorption
500 (VA)
500 (W)
Service power absorption
350 (VA)
350 (W)
Time constant (ms)
18
Duration
opening (s)
0.1
closing (s)
0.1
Minimum duration of the opening and closing
command impulse (ms)
≥150
Electrical Operator, T4-T5
Voltage
AC
DC
-24
-
48…60
110…125
110…125
220-250
220-250
380
-
Operating Voltage
85…110%
Inrush power consumption
≤ 300VA
≤ 300W
In service power consumption
≤150VA
≤150W
Duration
opening (s)
1.5
closing (s)
< 0.1
resetting (s)
3
Minimum duration of the opening and closing
command impulse (ms)
≥100
Electrical Operator, T6
Voltage
AC
DC
-24
-
48…60
110-125
110-125
220-250
220-250
380
-
Operating Voltage
85…110%
Inrush power consumption
≤ 400VA
≤ 400W
In service power consumption
≤150VA
≤150W
Duration
opening (s)
3
closing (s)
< 0.1
resetting (s)
5
Minimum duration of the opening and closing
command impulse (ms)
≥100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com