Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T1N080TL Datasheet(PDF) 49 Page - ABB

Part # T1N080TL
Description  Tmax Molded Case Circuit Breakers
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

T1N080TL Datasheet(HTML) 49 Page - ABB

Back Button T1N080TL Datasheet HTML 45Page - ABB T1N080TL Datasheet HTML 46Page - ABB T1N080TL Datasheet HTML 47Page - ABB T1N080TL Datasheet HTML 48Page - ABB T1N080TL Datasheet HTML 49Page - ABB T1N080TL Datasheet HTML 50Page - ABB T1N080TL Datasheet HTML 51Page - ABB T1N080TL Datasheet HTML 52Page - ABB T1N080TL Datasheet HTML 53Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 81 page
background image
46
ABB
AC1615S - 03/10
T8
T8V
1600A / 2000A / 2500A / 3000A, 600VAC ∆
Part-Numbering System
Accessories
X = None
A = Mechanical counter
B = Bell Alarm
C = Bell Alarm w/remote reset 24..30VAC/DC
D = Bell Alarm w/remote reset 110..130VAC/DC
E = Bell Alarm w/remote reset 220..240VAC/DC
F = A+B
G = A+C
H = A+D
J = A+E
Shunt Trip:
0 = none
A = 24VDC
B = 30VAC/DC
C = 48VAC/DC
D = 60VAC/DC
E = 110..120VAC/DC
F = 120..127VAC/DC
G = 220..240VAC/DC
H = 240..250VAC/DC
J = 380400VAC
K = 440VAC
Contacts1:
0 = None
A = 4 aux contacts D
= UVR De-Energized NC
G = B + E
B = 4 aux. contacts digital (24V)
E = A + D
C = UVR De-Energized NO
F = A + E
Spring Charging Motor:
0 = None
A = 24..30VAC/DC
B = 48..60VAC/DC
C = 100..130VAC/DC
D = 220..250VAC/DC
Closing Coil:
0 = None
A = 24VDC
B = 30VAC/DC
C = 48VAC/DC
D = 60VAC/DC
E = 110..120VAC/DC
F = 120..127VAC/DC
G = 220..240VAC/DC
H = 240..250VAC/DC
J = 380..400VAC
K = 440VAC
Trip Unit Accessories PR332/P only:
0 = None
B = Voltage measuring module
C = Modbus module
Trip Unit:
C = PR331/P-LSI
D = Non-Automatic (MCS)
E = PR331/P-LSIG
P = PR332/P-LI
R = PR332/P-LSI
S = PR332/P-LSIG
Rating Plug:
D = 1000
E = 1200
F = 1600
G = 2000
H = 2500
J = 3000
Frame Amp Rating:
C = 1600 (3P)
D = 2000 (3P)
E = 2500 (3P)
F = 3000 (3P)
G = 1600 (4P)
H = 2000(4P)
J = 2500 (4P)
K = 3000 (4P)
Version:
B = UL Fixed 80% rated
Q = UL Fixed 100% Rated
0 = Fixed Non-Automatic (MCS)
Breaking Capacity
V (T8 UL)
T8V
Undervoltage:
0 = None
A = 24VDC
B = 30VAC/DC
C = 48VAC/DC
D = 60VAC/DC
E = 110..120VAC/DC
F = 120..127VAC/DC
G = 220..240VAC/DC
H = 240..250VAC/DC
J = 380..400VAC
J = 440 VAC
Second shunt trip:
L = 24VDC
M = 30VAC/DC
N = 48VAC/DC
P = 60VAC/DC
Q = 110..120VAC/DC
R = 120..127VAC/DC
S = 220..240VAC/DC
T = 240..250VAC/DC
U = 380..400VAC
V = 440..480 VAC
Locking Provisions:
A = Keylock
B = Button guard
C = Padlock Provision
D = A+B
E = A+C
X =
None
0 = Non-Automatic (MCS)
1 4 Aux. contacts supplied as standard with PR332.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com