Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA1920 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # SA1920
Description  Dual-band RF front-end
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA1920 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button SA1920 Datasheet HTML 9Page - NXP Semiconductors SA1920 Datasheet HTML 10Page - NXP Semiconductors SA1920 Datasheet HTML 11Page - NXP Semiconductors SA1920 Datasheet HTML 12Page - NXP Semiconductors SA1920 Datasheet HTML 13Page - NXP Semiconductors SA1920 Datasheet HTML 14Page - NXP Semiconductors SA1920 Datasheet HTML 15Page - NXP Semiconductors SA1920 Datasheet HTML 16Page - NXP Semiconductors SA1920 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
Philips Semiconductors
Product specification
SA1920
Dual-band RF front-end
1999 Mar 02
13
PERFORMANCE CHARACTERISTICS
VCC = +3.75 V, FreqRF = 1960 MHz, FreqLO = 2070.52 MHz, Pin = –5 dBm, TA = +25_C; unless otherwise stated
8.0
9.0
10.0
11.0
12.0
13.0
14.0
15.0
16.0
3.60
3.70
3.80
3.90
VCC (V)
+85
°C
+25
°C
–40
°C
ICC
(mA)
3.65
3.75
3.85
SR01613
Figure 5.
Low Band Receive Normal ICC
VCC (V)
ICC
(mA)
25.0
30.0
35.0
40.0
45.0
50.0
3.60
3.70
3.80
3.90
+85
°C
+25
°C
–40
°C
3.65
3.75
3.85
SR01614
Figure 6.
High Band Receive Normal ICC
30
100
105
110
115
120
125
28
26
24
22
20
18
16
14
12
10
GAIN
(dB)
IF FREQUENCY (MHz)
SR01610
Figure 7.
High Band Gain vs. IF Frequency
20
25
30
35
40
45
100
105
110
115
120
125
IF FREQUENCY (MHz)
SR01609
Figure 8.
High Band Image Rejection vs. IF Frequency
–15
–14
–13
–12
–11
–10
100
105
110
115
120
125
IF FREQUENCY (MHz)
IP3
(dBm)
SR01631
Figure 9.
High Band IP3 vs. IF Frequency
10
12
14
16
18
20
100
105
110
115
120
125
IF FREQUENCY (MHz)
IP2
(dBm)
SR01611
Figure 10.
High Band IP2 vs. IF Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com