Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA1920 Datasheet(PDF) 14 Page - NXP Semiconductors

Part # SA1920
Description  Dual-band RF front-end
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA1920 Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button SA1920 Datasheet HTML 10Page - NXP Semiconductors SA1920 Datasheet HTML 11Page - NXP Semiconductors SA1920 Datasheet HTML 12Page - NXP Semiconductors SA1920 Datasheet HTML 13Page - NXP Semiconductors SA1920 Datasheet HTML 14Page - NXP Semiconductors SA1920 Datasheet HTML 15Page - NXP Semiconductors SA1920 Datasheet HTML 16Page - NXP Semiconductors SA1920 Datasheet HTML 17Page - NXP Semiconductors SA1920 Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
Philips Semiconductors
Product specification
SA1920
Dual-band RF front-end
1999 Mar 02
14
0.0
1.0
2.0
3.0
4.0
5.0
6.0
100
105
110
115
120
125
IF FREQUENCY (MHz)
SR01612
Figure 11.
High Band NF vs. IF Frequency
+25
°C
14
15
16
17
18
19
20
860
880
900
920
940
960
–40
°C
+85
°C
GAIN
(dB)
FREQUENCY (MHz)
870
890
910
930
950
SR01615
Figure 12.
LB LNA Gain vs. Frequency
–12
–11
–10
–9
–8
–7
–6
–5
–4
–3
–2
860
880
900
920
940
960
FREQUENCY (MHz)
IP3
(dBm)
+85
°C
+25
°C
–40
°C
870
890
910
930
950
SR01616
Figure 13.
LB LNA IP3 vs. Frequency
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
860
880
900
920
940
960
FREQUNCY (MHz)
870
890
910
930
950
+85
°C
+25
°C
–40
°C
SR01617
Figure 14.
LB LNA Noise Figure vs. Frequency
0
2
4
6
8
10
12
860
880
900
920
940
960
870
890
910
930
950
FREQUENCY (MHz)
GAIN
(dB)
+85
°C
+25
°C
–40
°C
SR01618
Figure 15.
LB Mixer Gain vs. Frequency
0
1
2
3
4
5
6
7
8
860
880
900
920
940
960
950
930
910
890
870
FREQUENCY (MHz)
IP3
(dBm)
+85
°C
+25
°C
–40
°C
SR01619
Figure 16.
LB Mixer IP3 vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com