Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA1920 Datasheet(PDF) 24 Page - NXP Semiconductors

Part # SA1920
Description  Dual-band RF front-end
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA1920 Datasheet(HTML) 24 Page - NXP Semiconductors

Back Button SA1920 Datasheet HTML 20Page - NXP Semiconductors SA1920 Datasheet HTML 21Page - NXP Semiconductors SA1920 Datasheet HTML 22Page - NXP Semiconductors SA1920 Datasheet HTML 23Page - NXP Semiconductors SA1920 Datasheet HTML 24Page - NXP Semiconductors SA1920 Datasheet HTML 25Page - NXP Semiconductors SA1920 Datasheet HTML 26Page - NXP Semiconductors SA1920 Datasheet HTML 27Page - NXP Semiconductors SA1920 Datasheet HTML 28Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
Philips Semiconductors
Product specification
SA1920
Dual-band RF front-end
1999 Mar 02
24
1:
13.76
Ω
–15.057
Ω
1.55GHz
2:
10.422
Ω
–5.5498
Ω
1.85GHz
3:
11.58
Ω
–3.0508
Ω
1.95GHz
4:
12.092
Ω
–616.21m
Ω
125.99pF
2.05GHz
START: 1.40GHz
STOP:
2.65GHz
1
2
3
4
SR01640
Figure 40.
Typical S11 for the High Band LNA @ 3.75V for the High Band Receive Normal Mode
1:
12.135
Ω
–53.891
Ω
1.55GHz
2:
9.3379
Ω
–38.457
Ω
1.85GHz
3:
8.75
Ω
–34.238
Ω
1.95GHz
4:
8.7695
Ω
–31.25
Ω
2.4844pF
2.05GHz
START: 1.40GHz
STOP:
2.65GHz
1
2
3
4
SR01641
Figure 41.
Typical S11 for the High Band LNA @ 3.75V for the High Band Receive Strong Signal Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com