Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA1920 Datasheet(PDF) 27 Page - NXP Semiconductors

Part # SA1920
Description  Dual-band RF front-end
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA1920 Datasheet(HTML) 27 Page - NXP Semiconductors

Back Button SA1920 Datasheet HTML 23Page - NXP Semiconductors SA1920 Datasheet HTML 24Page - NXP Semiconductors SA1920 Datasheet HTML 25Page - NXP Semiconductors SA1920 Datasheet HTML 26Page - NXP Semiconductors SA1920 Datasheet HTML 27Page - NXP Semiconductors SA1920 Datasheet HTML 28Page - NXP Semiconductors SA1920 Datasheet HTML 29Page - NXP Semiconductors SA1920 Datasheet HTML 30Page - NXP Semiconductors SA1920 Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 36 page
background image
Philips Semiconductors
Product specification
SA1920
Dual-band RF front-end
1999 Mar 02
27
Table 3. Typical S-Parameters of Low Band LNA at VCC = +3.75V, LB Strong Signal Mode
FREQ (MHz)
|S11| (U)
<S11 (DEG)
|S21| (U)
<S21 (DEG)
|S12| (U)
<S12 (DEG)
|S22| (U)
<S22 (DEG)
100
0.94
–8.77
0.05
88.15
0.049
84.08
0.96
50.15
150
0.92
–12.15
0.07
68.32
0.069
63.51
0.95
30.01
200
0.90
–15.01
0.08
55.23
0.082
47.79
0.93
17.79
250
0.88
–17.75
0.09
46.14
0.090
37.04
0.92
9.22
300
0.87
–20.37
0.09
39.25
0.094
28.09
0.91
2.68
350
0.85
–23.15
0.10
33.96
0.099
21.40
0.90
–2.68
400
0.85
–25.85
0.10
29.86
0.100
14.70
0.89
–7.56
450
0.84
–28.73
0.10
26.35
0.102
9.32
0.88
–12.06
500
0.83
–31.65
0.10
23.06
0.103
4.37
0.88
–16.23
550
0.82
–34.56
0.10
20.07
0.103
–0.41
0.87
–20.35
600
0.81
–38.02
0.10
17.87
0.103
–5.17
0.86
–24.23
650
0.80
–41.41
0.10
15.28
0.104
–9.07
0.85
–28.29
700
0.80
–44.70
0.10
12.27
0.104
–13.29
0.85
–32.11
750
0.79
–48.40
0.10
9.05
0.103
–18.00
0.84
–35.85
800
0.78
–52.30
0.10
5.24
0.103
–23.07
0.83
–39.74
850
0.78
–56.58
0.10
2.20
0.102
–28.68
0.83
–43.59
900
0.77
–60.63
0.09
–0.26
0.099
–33.94
0.82
–47.19
950
0.77
–64.88
0.09
–2.21
0.094
–39.65
0.82
–50.95
1000
0.76
–69.05
0.09
–4.19
0.090
–44.01
0.81
–54.29
1050
0.76
–73.21
0.09
–7.58
0.086
–47.95
0.81
–57.67
1100
0.76
–77.26
0.09
–11.56
0.084
–52.34
0.81
–60.86
1150
0.76
–81.34
0.08
–16.05
0.080
–58.43
0.80
–64.05
1200
0.76
–85.37
0.08
–19.50
0.076
–62.90
0.80
–66.96
1250
0.76
–89.33
0.07
–23.71
0.074
–68.35
0.80
–69.89
1300
0.76
–93.28
0.07
–27.20
0.072
–75.17
0.79
–72.64
1350
0.75
–97.37
0.06
–31.20
0.068
–82.58
0.79
–75.21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com