Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA1920 Datasheet(PDF) 19 Page - NXP Semiconductors

Part # SA1920
Description  Dual-band RF front-end
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA1920 Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button SA1920 Datasheet HTML 15Page - NXP Semiconductors SA1920 Datasheet HTML 16Page - NXP Semiconductors SA1920 Datasheet HTML 17Page - NXP Semiconductors SA1920 Datasheet HTML 18Page - NXP Semiconductors SA1920 Datasheet HTML 19Page - NXP Semiconductors SA1920 Datasheet HTML 20Page - NXP Semiconductors SA1920 Datasheet HTML 21Page - NXP Semiconductors SA1920 Datasheet HTML 22Page - NXP Semiconductors SA1920 Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
Philips Semiconductors
Product specification
SA1920
Dual-band RF front-end
1999 Mar 02
19
1:
133.16
Ω
–326.61
Ω
200MHz
2:
74.875
Ω
–193.17
Ω
400MHz
3:
46.625
Ω
–135.03
Ω
600MHz
4:
25.117
Ω
–83.656
Ω
2.1107pF
901.375MHz
START: 100MHz
STOP:
1.35GHz
1
2
3
4
SR01634
Figure 30.
Typical S11 of Low Band LNA @ 3.75V for Receive Strong Signal Mode
1:
82.778mU
56.472
°
200MHz
2:
101.74mU
30.696
°
400MHz
3:
106.02mU
18.799
°
600MHz
4:
97.527mU
992.89m
°
901.375MHz
START: 100MHz
STOP:
1.35GHz
1
2
4
3
SR01645
Figure 31.
Typical S21 of the Low Band LNA @ 3.75V for Receive Strong Signal Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com