Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFG310 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BFG310
Description  NPN 14 GHz wideband transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFG310 Datasheet(HTML) 4 Page - NXP Semiconductors

  BFG310 Datasheet HTML 1Page - NXP Semiconductors BFG310 Datasheet HTML 2Page - NXP Semiconductors BFG310 Datasheet HTML 3Page - NXP Semiconductors BFG310 Datasheet HTML 4Page - NXP Semiconductors BFG310 Datasheet HTML 5Page - NXP Semiconductors BFG310 Datasheet HTML 6Page - NXP Semiconductors BFG310 Datasheet HTML 7Page - NXP Semiconductors BFG310 Datasheet HTML 8Page - NXP Semiconductors BFG310 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
9397 750 14244
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 2 February 2005
4 of 12
Philips Semiconductors
BFG310/XR
NPN 14 GHz wideband transistor
Fig 1.
Power derating curve
Fig 2.
Collector current as a function of
collector-emitter voltage; typical values
IC = 0 mA; f = 1 MHz.
IC = 5 mA; VCE =3V.
Fig 3.
Collector-base capacitance as a function of
collector-base voltage; typical values
Fig 4.
Gain as a function of frequency; typical values
Tsp (°C)
0
200
150
50
100
001aac169
Ptot
(mW)
20
30
40
10
50
70
60
0
001aac170
VCE (V)
06
5
3
14
2
IC
(mA)
IB = 120 µA
100
µA
80
µA
40
µA
20
µA
60
µA
4
6
8
2
10
0
VCB (V)
05
4
23
1
001aac171
CCBS
(pF)
0.17
0.16
0.19
0.18
0.20
0.15
001aac172
20
10
30
40
G
(dB)
0
f (MHz)
10
104
103
102
MSG
s21 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com