Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFG310 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # BFG310
Description  NPN 14 GHz wideband transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFG310 Datasheet(HTML) 1 Page - NXP Semiconductors

  BFG310 Datasheet HTML 1Page - NXP Semiconductors BFG310 Datasheet HTML 2Page - NXP Semiconductors BFG310 Datasheet HTML 3Page - NXP Semiconductors BFG310 Datasheet HTML 4Page - NXP Semiconductors BFG310 Datasheet HTML 5Page - NXP Semiconductors BFG310 Datasheet HTML 6Page - NXP Semiconductors BFG310 Datasheet HTML 7Page - NXP Semiconductors BFG310 Datasheet HTML 8Page - NXP Semiconductors BFG310 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1.
Product profile
1.1 General description
NPN silicon planar epitaxial transistor in a 4-pin dual-emitter SOT143R plastic package.
1.2 Features
s High power gain
s Low noise figure
s High transition frequency
s Gold metallization ensures excellent reliability
1.3 Applications
s Intended for Radio Frequency (RF) front end applications in the GHz range, such as:
x analog and digital cellular telephones
x cordless telephones (Cordless Telephone (CT), Personal Communication
Network (PCN), Digital Enhanced Cordless Telecommunications (DECT), etc.)
x radar detectors
x pagers
x Satellite Antenna TeleVision (SATV) tuners
x repeater amplifiers in fiber-optic systems
1.4 Quick reference data
BFG310/XR
NPN 14 GHz wideband transistor
Rev. 01 — 2 February 2005
Product data sheet
Table 1:
Quick reference data
Symbol Parameter
Conditions
Min
Typ
Max
Unit
VCBO
collector-base voltage
open emitter
-
-
15
V
VCEO
collector-emitter voltage
open base
-
-
6
V
IC
collector current (DC)
-
-
10
mA
Ptot
total power dissipation
Tsp ≤ 145 °C
[1] --60
mW
hFE
DC current gain
IC = 5 mA; VCE =3V;
Tj =25 °C
60
100
200
CCBS
collector-base
capacitance
VCB = 5 V; f = 1 MHz;
emitter grounded
-
0.17
0.3
pF
fT
transition frequency
IC = 5 mA; VCE =3V;
f = 1 GHz; Tamb =25 °C
-
14
-
GHz


Similar Part No. - BFG310

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFG310-XR NXP-BFG310-XR Datasheet
9Mb / 130P
RF Manual 16th edition
June 2012
BFG310W PHILIPS-BFG310W Datasheet
75Kb / 12P
NPN 14 GHz wideband transistor
Rev. 01-2 February 2005
BFG310W NXP-BFG310W Datasheet
168Kb / 13P
NPN 14 GHz wideband transistor
Rev. 2
BFG310W-XR NXP-BFG310W-XR Datasheet
9Mb / 130P
RF Manual 16th edition
June 2012
BFG310W/XR PHILIPS-BFG310W/XR Datasheet
75Kb / 12P
NPN 14 GHz wideband transistor
Rev. 01-2 February 2005
More results

Similar Description - BFG310

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFG310W PHILIPS-BFG310W Datasheet
75Kb / 12P
NPN 14 GHz wideband transistor
Rev. 01-2 February 2005
BFG325 PHILIPS-BFG325 Datasheet
78Kb / 12P
NPN 14 GHz wideband transistor
Rev. 01-2 February 2005
logo
Quanzhou Jinmei Electro...
BFG310_2015 JMNIC-BFG310_2015 Datasheet
81Kb / 12P
NPN 14 GHz wideband transistor
BFG310W_2015 JMNIC-BFG310W_2015 Datasheet
82Kb / 12P
NPN 14 GHz wideband transistor
BFG325_2015 JMNIC-BFG325_2015 Datasheet
86Kb / 12P
NPN 14 GHz wideband transistor
BFG325W_2015 JMNIC-BFG325W_2015 Datasheet
93Kb / 12P
NPN 14 GHz wideband transistor
BFG310 JMNIC-BFG310_15 Datasheet
81Kb / 12P
NPN 14 GHz wideband transistor
BFG325W JMNIC-BFG325W_15 Datasheet
93Kb / 12P
NPN 14 GHz wideband transistor
logo
NXP Semiconductors
BFG310W NXP-BFG310W Datasheet
168Kb / 13P
NPN 14 GHz wideband transistor
Rev. 2
BFG325W NXP-BFG325W Datasheet
178Kb / 13P
NPN 14 GHz wideband transistor
Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com