Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFG310 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BFG310
Description  NPN 14 GHz wideband transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFG310 Datasheet(HTML) 3 Page - NXP Semiconductors

  BFG310 Datasheet HTML 1Page - NXP Semiconductors BFG310 Datasheet HTML 2Page - NXP Semiconductors BFG310 Datasheet HTML 3Page - NXP Semiconductors BFG310 Datasheet HTML 4Page - NXP Semiconductors BFG310 Datasheet HTML 5Page - NXP Semiconductors BFG310 Datasheet HTML 6Page - NXP Semiconductors BFG310 Datasheet HTML 7Page - NXP Semiconductors BFG310 Datasheet HTML 8Page - NXP Semiconductors BFG310 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
9397 750 14244
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 2 February 2005
3 of 12
Philips Semiconductors
BFG310/XR
NPN 14 GHz wideband transistor
5.
Limiting values
[1]
Tsp is the temperature at the soldering point of the collector pin.
6.
Thermal characteristics
[1]
Tsp is the temperature at the soldering point of the collector pin.
7.
Characteristics
Table 5:
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VCBO
collector-base voltage
open emitter
-
15
V
VCEO
collector-emitter voltage
open base
-
6
V
VEBO
emitter-base voltage
open collector
-
2
V
IC
collector current (DC)
-
10
mA
Ptot
total power dissipation
Tsp ≤ 145 °C
[1] -60
mW
Tstg
storage temperature
−65
+175
°C
Tj
junction temperature
-
175
°C
Table 6:
Thermal characteristics
Symbol Parameter
Conditions
Typ
Unit
Rth(j-sp)
thermal resistance from junction to solder point
Tsp ≤ 145 °C
[1] 530
K/W
Table 7:
Characteristics
Tj =25 °C; unless otherwise specified.
Symbol Parameter
Conditions
Min
Typ
Max
Unit
ICBO
collector-base cut-off current
IE = 0 A; VCB = 5 V
--15
nA
hFE
DC current gain
IC = 5 mA; VCE = 3 V
60
100
200
CCBS
collector-base capacitance
VCB = 5 V; f = 1 MHz; emitter grounded
-
0.17
0.3
pF
CCES
collector-emitter capacitance
VCE = 5 V; f = 1 MHz; base grounded
-
0.28
-
pF
CEBS
emitter-base capacitance
VEB = 0.5 V; f = 1 MHz; collector grounded
-
0.22
-
pF
fT
transition frequency
IC = 5 mA; VCE = 3 V; f = 1 GHz;
Tamb =25 °C
-
14
-
GHz
MSG
maximum stable gain
IC = 5 mA; VCE = 3 V; f = 1.8 GHz;
Tamb =25 °C
-18
-
dB
|s21|2
insertion power gain
IC = 5 mA; VCE =3V; Tamb =25 °C;
ZS =ZL =50 Ω
f = 1.8 GHz
-
14
-
dB
f = 3 GHz
-
11
-
dB
NF
noise figure
Γs = Γopt; IC = 1 mA; VCE = 3 V; f = 2 GHz
-
1
-
dB
PL(1dB)
output power at 1 dB gain
compression
IC = 5 mA; VCE = 3 V; f = 1.8 GHz;
Tamb =25 °C; ZS =ZL =50 Ω
-
1.8
-
dBm
IP3
third order intercept point
IC = 5 mA; VCE = 3 V; f = 1.8 GHz;
Tamb =25 °C; ZS =ZL =50 Ω
-
8.5
-
dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com