Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFG310 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # BFG310
Description  NPN 14 GHz wideband transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFG310 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button BFG310 Datasheet HTML 4Page - NXP Semiconductors BFG310 Datasheet HTML 5Page - NXP Semiconductors BFG310 Datasheet HTML 6Page - NXP Semiconductors BFG310 Datasheet HTML 7Page - NXP Semiconductors BFG310 Datasheet HTML 8Page - NXP Semiconductors BFG310 Datasheet HTML 9Page - NXP Semiconductors BFG310 Datasheet HTML 10Page - NXP Semiconductors BFG310 Datasheet HTML 11Page - NXP Semiconductors BFG310 Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
© Koninklijke Philips Electronics N.V. 2005
All rights are reserved. Reproduction in whole or in part is prohibited without the prior
written consent of the copyright owner. The information presented in this document does
not form part of any quotation or contract, is believed to be accurate and reliable and may
be changed without notice. No liability will be accepted by the publisher for any
consequence of its use. Publication thereof does not convey nor imply any license under
patent- or other industrial or intellectual property rights.
Date of release: 2 February 2005
Document number: 9397 750 14244
Published in The Netherlands
Philips Semiconductors
BFG310/XR
NPN 14 GHz wideband transistor
15. Contents
1
Product profile . . . . . . . . . . . . . . . . . . . . . . . . . . 1
1.1
General description. . . . . . . . . . . . . . . . . . . . . . 1
1.2
Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
1.3
Applications . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
1.4
Quick reference data. . . . . . . . . . . . . . . . . . . . . 1
2
Pinning information . . . . . . . . . . . . . . . . . . . . . . 2
3
Ordering information . . . . . . . . . . . . . . . . . . . . . 2
4
Marking . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2
5
Limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . 3
6
Thermal characteristics. . . . . . . . . . . . . . . . . . . 3
7
Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . 3
8
Application information. . . . . . . . . . . . . . . . . . . 7
9
Package outline . . . . . . . . . . . . . . . . . . . . . . . . . 9
10
Revision history . . . . . . . . . . . . . . . . . . . . . . . . 10
11
Data sheet status . . . . . . . . . . . . . . . . . . . . . . . 11
12
Definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11
13
Disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11
14
Contact information . . . . . . . . . . . . . . . . . . . . 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com