Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFG310 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # BFG310
Description  NPN 14 GHz wideband transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFG310 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button BFG310 Datasheet HTML 3Page - NXP Semiconductors BFG310 Datasheet HTML 4Page - NXP Semiconductors BFG310 Datasheet HTML 5Page - NXP Semiconductors BFG310 Datasheet HTML 6Page - NXP Semiconductors BFG310 Datasheet HTML 7Page - NXP Semiconductors BFG310 Datasheet HTML 8Page - NXP Semiconductors BFG310 Datasheet HTML 9Page - NXP Semiconductors BFG310 Datasheet HTML 10Page - NXP Semiconductors BFG310 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
9397 750 14244
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 2 February 2005
7 of 12
Philips Semiconductors
BFG310/XR
NPN 14 GHz wideband transistor
8.
Application information
Table 8:
SPICE parameters of the BFG310 DIE
Sequence
Parameter
Value
Unit
1
IS
16.17
aA
2
BF
210
-
3NF
1
-
4
VAF
50
V
5
IKF
59.83
mA
6
ISE
1.726
fA
7
NE
2.114
-
8BR
6
-
9NR
1
-
10
VAR
2.3
V
11
IKR
10
A
12
ISC
0
aA
13
NC
1.5
-
14
RB
3.6
Ω
15
RE
2.1
Ω
16
RC
1.6
Ω
17
CJE
115.6
fF
18
VJE
866.3
mV
19
MJE
0.285
-
20
CJC
68.18
fF
21
VJC
601
mV
22
MJC
0.123
-
23
XCJC
1
-
24
FC
0.7
-
25
TF
8.3
ps
26
XTF
10
-
27
VTF
1000
V
28
ITF
150
mA
29
PTF
0
deg
30
TR
0
ns
31
KF
0
-
32
AF
1
-
33
TNOM
25
°C
34
EG
1.014
eV
35
XTB
0
-
36
XTI
8
-
37
Q1.AREA
1
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com