Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP7782 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP7782
Description  150W Class D 5.1 Channel Audio Board
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP7782 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP7782 Datasheet HTML 1Page - Monolithic Power Systems MP7782 Datasheet HTML 2Page - Monolithic Power Systems MP7782 Datasheet HTML 3Page - Monolithic Power Systems MP7782 Datasheet HTML 4Page - Monolithic Power Systems MP7782 Datasheet HTML 5Page - Monolithic Power Systems MP7782 Datasheet HTML 6Page - Monolithic Power Systems MP7782 Datasheet HTML 7Page - Monolithic Power Systems MP7782 Datasheet HTML 8Page - Monolithic Power Systems MP7782 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
EV7720DS-7782-00D – 150W CLASS D, 5.1 CHANNEL AUDIO BOARD
EVALUATION BOARD
EV7720DS-7782-00D Rev. 1.0
www.MonolithicPower.com
5
8/8/2005
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2005 MPS. All Rights Reserved.
TM
EV7720DS-7782-00D BILL OF MATERIALS
Qty
Ref
Value
Description
Package
Manufacturer:
Manufacturer P/N
Distributor:
Distributor P/N
3
C1, C3,
C20
1000µF
Electrolytic Cap, 35V,
NHG
Radial
Panasonic:
ECA-1VHG102
Digikey:
P5555-ND
2
C2, C22
0.22µF Film Cap, 50V
Radial
Panasonic:
ECQ-V1H224JL
Digikey:
P4667-ND
7
C4, C6,
C35, C46,
C57, C62,
C73
390pF
Ceramic Cap, 50V,
X7R
SM0805
Panasonic:
ECU-V1H391KBN
Digikey:
PCC391BNCT-ND
7
C5, C23,
C34, C45,
C56, C80,
C81
0.1µF
Ceramic Cap, 50V,
X7R
SM1206
Panasonic:
ECJ-3VB1H104K
Digikey:
PCC104BCT-ND
2
C9, C19
Not Stuffed
SM0603
1
C13
0.47µF Film Cap, 63V
Radial
Panasonic:
ECQ-V1J474JM
Digikey:
P4544-ND
7
C25, C84,
C69, C71,
C30, C41,
C52
2.2µF
Electrolytic Cap, 35V
SMD
Panasonic:
ECE-V1VS2R2SR
Digikey:
PCE3070CT-ND
5
C26, C36,
C47, C61,
C64
22pF
Ceramic Cap, 50V,
NPO
SM0805
Panasonic:
ECJ-2VC1H220J
Digikey:
PCC220CNCT-ND
5
C27, C38,
C49, C72,
C78
10µF
Electrolytic Cap, 16V
SMD
Panasonic:
ECE-V1CS100SR
Digikey:
PCE3061CT-ND
7
C28, C39,
C50, C60,
C77, C82,
C89
1µF
Ceramic Cap, 25V,
X7R
SM1206
Panasonic:
ECJ-3YB1E105K
Digikey:
PCC1893CT-ND
5
C29, C40,
C51, C59,
C63
4.7nF
Ceramic Cap, 50V,
X7R
SM0805
Panasonic:
ECJ-2VB1H472K
Digikey:
PCC472BNCT-ND
5
C31, C48,
C53, C67,
C74
1000µF
Electrolytic Cap, 25V,
NHG
Radial
Panasonic:
ECA-1EHG102
Digikey:
P5544-ND
5
C32, C43,
C54, C65,
C66
0.1µF
Ceramic Cap, 50V,
X7R
SM0805
Panasonic:
ECJ-2YB1H104K
Digikey:
PCC1840CT-ND
5
C33, C44,
C55, C68,
C75
0.47µF Film Cap, 50V
Radial
Panasonic:
ECQ-V1H474JL
Digikey:
P4671-ND
5
C37, C42,
C58, C76,
C79
470µF
Electrolytic Cap, 25V,
NHG
Radial
Panasonic:
ECA-1EHG471
Digikey:
P5543-ND
1
C83
1nF
Ceramic Cap, 50V,
X7R
SM0603
Panasonic:
ECJ-1VB1H102K
Digikey:
PCC1772CT-ND
2
C86, C93
1µF
Ceramic Cap, 16V,
X5R
SM0805
Panasonic:
ECJ-2FB1C105K
Digikey:
PCC2249CT-ND



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com