Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP7782 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP7782
Description  150W Class D 5.1 Channel Audio Board
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP7782 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP7782 Datasheet HTML 1Page - Monolithic Power Systems MP7782 Datasheet HTML 2Page - Monolithic Power Systems MP7782 Datasheet HTML 3Page - Monolithic Power Systems MP7782 Datasheet HTML 4Page - Monolithic Power Systems MP7782 Datasheet HTML 5Page - Monolithic Power Systems MP7782 Datasheet HTML 6Page - Monolithic Power Systems MP7782 Datasheet HTML 7Page - Monolithic Power Systems MP7782 Datasheet HTML 8Page - Monolithic Power Systems MP7782 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
EV7720DS-7782-00D
150W Class D
5.1 Channel Audio Board
EVALUATION BOARD
EV7720DS-7782-00D Rev. 1.0
www.MonolithicPower.com
1
8/8/2005
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2005 MPS. All Rights Reserved.
The Future of Analog IC Technology
TM
TM
GENERAL DESCRIPTION
The EV7720DS-7782-00D is an evaluation
board for using MPS’ Class D Audio Amplifiers
in 5.1 Surround Sound systems. The board has
150W total output power coming from 5 x 20W
from the satellites (MP7720DS) and 50W from
the subwoofer (MP7782). The system offers
high dynamic range and low distortion for high
quality sound reproduction.
FEATURES
• 150W Total Output Power
• High Fidelity
• High Efficiency
• 9.5V to 24V Supply Voltage Range
• Mute/Standby Modes
• Thermal Protection
• Over-Current Protection
APPLICATIONS
• 5.1 Audio Setups
• Home Theatre Systems
“MPS” and “The Future of Analog IC Technology”, are Trademarks of Monolithic
Power Systems, Inc.
ADAM (Analog Digital Adaptive Modulation) and AAM (Analog Adaptive
Modulation) are Trademarks of Monolithic Power Systems, Inc.
EV7720DS-7782-00D EVALUATION BOARD
Dimensions (6.7”X x 2.5”Y)
Board Number
MPS IC Number
MP7720DS-7782-00D
5 x MP7720DS
1 x MP7782


Similar Part No. - MP7782

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MP7782 ETC1-MP7782 Datasheet
1Mb / 8P
Mono Bridged Audio Amplifier
logo
Monolithic Power System...
MP7782 MPS-MP7782 Datasheet
344Kb / 8P
50W Class D Mono Bridged Audio Amplifier
logo
List of Unclassifed Man...
MP7782DF ETC1-MP7782DF Datasheet
1Mb / 8P
Mono Bridged Audio Amplifier
logo
Monolithic Power System...
MP7782DF MPS-MP7782DF Datasheet
321Kb / 5P
50W Class D Mono Bridged Audio Amplifier Evaluation Board
MP7782DF MPS-MP7782DF Datasheet
344Kb / 8P
50W Class D Mono Bridged Audio Amplifier
More results

Similar Description - MP7782

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK433-130-E SANYO-STK433-130-E Datasheet
185Kb / 11P
Thick-Film Hybrid IC 2-channel class AB audio power IC, 150W150W
STK433-130N-E SANYO-STK433-130N-E Datasheet
291Kb / 11P
2channel class-AB Audio Power IC 150W150W
STK433-330N-E SANYO-STK433-330N-E Datasheet
279Kb / 11P
3channel class-AB Audio Power IC 150W150W150W
logo
List of Unclassifed Man...
TPA3123 ETC2-TPA3123 Datasheet
1Mb / 19P
Class-D Audio Amplifier Board
logo
Realtek Semiconductor C...
ALC662 REALTEK-ALC662 Datasheet
1Mb / 81P
5.1 CHANNEL HIGH DEFINITION AUDIO CODEC
ALC662 REALTEK-ALC662_08 Datasheet
1Mb / 82P
5.1 CHANNEL HIGH DEFINITION AUDIO CODEC
ALC662 REALTEK-ALC662_09 Datasheet
1Mb / 82P
5.1 CHANNEL HIGH DEFINITION AUDIO CODEC
ALC662-GR REALTEK-ALC662-GR Datasheet
1Mb / 81P
5.1 CHANNEL HIGH DEFINITION AUDIO CODEC
ALC663 REALTEK-ALC663 Datasheet
1Mb / 82P
5.1 CHANNEL HIGH DEFINITION AUDIO CODEC
ALC665 REALTEK-ALC665 Datasheet
1Mb / 89P
5.1-CHANNEL HIGH DEFINITION AUDIO CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com