Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP7782 Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MP7782
Description  150W Class D 5.1 Channel Audio Board
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP7782 Datasheet(HTML) 7 Page - Monolithic Power Systems

Back Button MP7782 Datasheet HTML 3Page - Monolithic Power Systems MP7782 Datasheet HTML 4Page - Monolithic Power Systems MP7782 Datasheet HTML 5Page - Monolithic Power Systems MP7782 Datasheet HTML 6Page - Monolithic Power Systems MP7782 Datasheet HTML 7Page - Monolithic Power Systems MP7782 Datasheet HTML 8Page - Monolithic Power Systems MP7782 Datasheet HTML 9Page - Monolithic Power Systems MP7782 Datasheet HTML 10Page - Monolithic Power Systems MP7782 Datasheet HTML 11Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
EV7720DS-7782-00D – 150W CLASS D, 5.1 CHANNEL AUDIO BOARD
EVALUATION BOARD
EV7720DS-7782-00D Rev. 1.0
www.MonolithicPower.com
7
8/8/2005
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2005 MPS. All Rights Reserved.
TM
EV7720DS-7782-00D BILL OF MATERIALS (continued)
Qty
Ref
Value
Description
Package
Manufacturer:
Manufacturer P/N
Distributor:
Distributor P/N
2
R20, R11
10kΩ
Resistor, 1%
SM0603
Panasonic:
ERJ-3EKF1002V
Digikey:
P10.0KHCT-ND
11
R23, R25,
R28, R29,
R36, R44,
R45, R50,
R51, R53,
R55
100kΩ Resistor, 1%
SM0805
Panasonic:
ERJ-6ENF1003V
Digikey:
P100KCCT-ND
5
R27, R35,
R37, R43,
R54
60.4kΩ Resistor, 1%
SM0805
Panasonic:
ERJ-6ENF6042V
Digikey:
P60.4KCCT-ND
5
R48, R49,
R22, R38,
R39
5.1kΩ
Resistor, 5%
SM0805
Panasonic:
ERJ-6GEYJ512V
Digikey:
P5.1KACT-ND
6
R58, R46,
R52, R24,
R32, R40
10kΩ
Resistor, 5%
SM0805
Panasonic:
ERJ-6GEYJ103V
Digikey:
P10KACT-ND
1
R59
Not Stuffed
SM0603
1
R59
5.1kΩ
Resistor, 5%
SM0603
Panasonic:
ERJ-3GEYJ512V
Digikey:
P5.1KGCT-ND
10
R61, R62,
R63, R64,
R65, R66,
R68, R69,
R70, R71
10kΩ
Resistor, 5%
SM1206
Panasonic:
ERJ-8GEYJ103V
Digikey:
P10KECT-ND
1
U1
Class D Amplifier,
40W
TSSOP20
MPS:
MP7782DF
5
U2, U3,
U4, U5,
U6
Class D Amplifier,
20W
SO8
MPS:
MP7720DS



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com