Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP7782 Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP7782
Description  150W Class D 5.1 Channel Audio Board
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP7782 Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP7782 Datasheet HTML 3Page - Monolithic Power Systems MP7782 Datasheet HTML 4Page - Monolithic Power Systems MP7782 Datasheet HTML 5Page - Monolithic Power Systems MP7782 Datasheet HTML 6Page - Monolithic Power Systems MP7782 Datasheet HTML 7Page - Monolithic Power Systems MP7782 Datasheet HTML 8Page - Monolithic Power Systems MP7782 Datasheet HTML 9Page - Monolithic Power Systems MP7782 Datasheet HTML 10Page - Monolithic Power Systems MP7782 Datasheet HTML 11Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
EV7720DS-7782-00D – 150W CLASS D, 5.1 CHANNEL AUDIO BOARD
EVALUATION BOARD
NOTICE:
The information in this document is subject to change without notice. Please contact MPS for current specifications.
Users should warrant and guarantee that third party Intellectual Property rights are not infringed upon when integrating MPS
products into any application. MPS will not assume any legal responsibility for any said applications.
EV7720DS-7782-00D Rev. 1.0
www.MonolithicPower.com
11
8/8/2005
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2005 MPS. All Rights Reserved.
TM
QUICK START GUIDE
1. Input / Output Requirements
a. Power supply: 9.5V to 24V, 6A
b. Enable: 3.3V to 5V
c. 0V to 1VRMS (max) audio signal source,
≤ 600Ω.
d. Main/Satellite Speakers: 4Ω MINIMUM
e. Subwoofer: 6Ω MINIMUM
2. Setup Condition for 24V Operation
a. Connect the satellite speakers (4Ω MINIMUM) to the output terminals OUT1 through
OUT5 to - normally Left Front, Right Front, Left Rear, Right Rear, and Center.
b. Connect the subwoofer speaker (6Ω MINIMUM) to the SUB+ / SUB- output terminals.
c. Adjust the power supply to 9.5
≤ VDD ≤ 24V (do not turn on).
d. Set the enable signal to LOW by applying 0V to the enable input.
e. With the power supply off, connect the power supply to the VDD terminals.
f. Connect the audio input signal sources to the amplifier inputs corresponding to output
channels.
g. Turn on the power supply to apply power to the board.
3. Music Turn-On Sequence
a. UNMUTE the amplifiers by applying 3.3V or 5V to the enable input.
b. Audio should be heard from the speaker(s).
4. Music Turn-Off Sequence
a. Set enable LOW by applying 0V to the enable input.
OUT5
OUT4
OUT3
OUT2 OUT1 OUTSUB+
GND5
GND4 GND3 GND2
GND1 OUTSUB-



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com