Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP7782 Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP7782
Description  150W Class D 5.1 Channel Audio Board
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP7782 Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP7782 Datasheet HTML 2Page - Monolithic Power Systems MP7782 Datasheet HTML 3Page - Monolithic Power Systems MP7782 Datasheet HTML 4Page - Monolithic Power Systems MP7782 Datasheet HTML 5Page - Monolithic Power Systems MP7782 Datasheet HTML 6Page - Monolithic Power Systems MP7782 Datasheet HTML 7Page - Monolithic Power Systems MP7782 Datasheet HTML 8Page - Monolithic Power Systems MP7782 Datasheet HTML 9Page - Monolithic Power Systems MP7782 Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
EV7720DS-7782-00D – 150W CLASS D, 5.1 CHANNEL AUDIO BOARD
EVALUATION BOARD
EV7720DS-7782-00D Rev. 1.0
www.MonolithicPower.com
6
8/8/2005
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2005 MPS. All Rights Reserved.
TM
EV7720DS-7782-00D BILL OF MATERIALS (continued)
Qty
Ref
Value
Description
Package
Manufacturer:
Manufacturer P/N
Distributor:
Distributor P/N
2
C95, C96
2pF
Ceramic Cap, 50V,
NPO
SM0603
Panasonic:
ECJ-1VC1H020C
Digikey:
PCC020CVCT-ND
2
C98,
C100
15pF
Ceramic Cap, 50V,
NPO
SM0603
Panasonic:
ECJ-1VC1H150J
Digikey:
PCC150ACVCT-ND
1
CN1
Connector, 12-Pin
Header, 2mm
Hirose Electronic:
DF3-12P-2DSA(01)
Digikey:
H3931-ND
1
CN2
Speaker Terminal, 6-
Channel
7
D1, D2,
D15, D13,
D7, D9,
D11
Schottky Diode, 30V,
1A
SMB
IRF:
MBRS130LTR
Digikey:
MBRS130LCT-ND
7
D3, D4,
D5, D18,
D19, D20,
D21
Not Stuffed
5
D6, D8,
D10, D12,
D14
Zener Diode, 6.2V,
500mW
SOD-123
Diodes Inc:
BZT52C6V2-7
Digikey:
BZT52C6V2-7DICT-ND
2
D16, D17
Zener Diode, 6.2V,
200mW
SOD-323
Diodes Inc:
BZT52C6V2S-7
Digikey:
BZT52C6V2SDICT-ND
2
D22, D23
Switch Diode, 75V,
200mW
SOD323
Diodes Inc:
1N4148WS-7
Digikey:
1N4148WSDICT-ND
6
FB1, FB2,
FB3, FB4,
FB5, FB6
Ferrite Bead, 6A,
100MHz
SM1206
Steward:
HI1206T500R-00
Digikey:
240-1009-1-ND
1
J1
Connector, 4-Pin
Molex:
26-48-1045
Digikey:
WM4602-ND
2
L1, L2
10µH
Inductor, 3.61A,
13RHBP
Radial
Toko:
A7502HY-100M
5
L3, L4, L5,
L6, L7
10µH
Inductor, 3.5A,
10RYTL
Radial
Toko:
7023LYF-100K
2
R1, R8
100kΩ Resistor, 1%
SM0603
Panasonic:
ERJ-3EKF1003V
Digikey:
P100KHCT-ND
7
R2, R3,
R26, R31,
R34, R42,
R47
10Ω
Resistor, 5%
SM0805
Panasonic:
ERJ-6GEYJ100V
Digikey:
P10ACT-ND
7
R4, R18,
R30, R33,
R41, R56,
R57
10Ω
Resistor, 5%
SM1206
Panasonic:
ERJ-8GEYJ100V
Digikey:
P10ECT-ND
2
R5, R6
20kΩ
Resistor, 5%
SM0603
Panasonic:
ERJ-3GEYJ203V
Digikey:
P20KGCT-ND
2
R7, R9
150kΩ Resistor, 1%
SM0603
Panasonic:
ERJ-3EKF1503V
Digikey:
P150KHCT-ND



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com