Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GM393D8T Datasheet(PDF) 1 Page - Gamma Microelectronics Inc.

Part # GM393D8T
Description  LOW POWER DUAL DIFFERENTIAL COMPARATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM393D8T Datasheet(HTML) 1 Page - Gamma Microelectronics Inc.

  GM393D8T Datasheet HTML 1Page - Gamma Microelectronics Inc. GM393D8T Datasheet HTML 2Page - Gamma Microelectronics Inc. GM393D8T Datasheet HTML 3Page - Gamma Microelectronics Inc. GM393D8T Datasheet HTML 4Page - Gamma Microelectronics Inc. GM393D8T Datasheet HTML 5Page - Gamma Microelectronics Inc. GM393D8T Datasheet HTML 6Page - Gamma Microelectronics Inc. GM393D8T Datasheet HTML 7Page - Gamma Microelectronics Inc. GM393D8T Datasheet HTML 8Page - Gamma Microelectronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Description
The GM393 consist of two independent precision voltage
comparators with an offset voltage specification as low as
2.0 mV, max for two comparators which were designed spe-
cifically to operate from a single power supply over a wide
range of voltages. Operation from split power supplies is
also possible and the low power supply current drain is in-
dependent of the magnitude of the power supply voltage.
These comparators also have a unique characteristic. In
that, the input common-mode voltage range includes
ground, even though operated from a single power supply
voltage.
Application areas include limit comparators, simple analog
to digital converters; pulse, square wave and time delay
generators; wide range VCO; MOS clock timers; multivi-
brators and high voltage digital logic gates. The GM393
are designed to directly interface with TTL and CMOS.
When operated from both plus and minus power supplies,
the GM393 will directly interface with MOS logic, where
their low power drain is a distinct advantage over standard
comparators.
The GM393 is available in DIP-8 and SOP-8 packages.
CONNECTION DIAGRAM
Application
High precision comparators
Reduced V
drift over temperature
OS
Eliminates need for dual supplies
Allows sensing near GND
Compatible with all forms of logic
Power drain suitable for battery operation
Features
Single- supply Range: ±1.0V to ±18V
Wide supply voltage range: ±2.0V to ±36V
Very low supply current drain (0.4 mA) -
independent of supply voltage
Low input biasing current: 25 nA
Low input offset current: ±5 nA
Maximum offset voltage: ±3 mV
Input common-mode voltage range includes
ground
Differential input voltage range equal to the
power supply voltage
Low output saturation voltage: 250 mV at 4 mA
Output voltage compatible with TTL, DTL, ECL,
MOS and CMOS logic systems
www.gammamicro.com
1
4
3
2
1
-
-
+
+
A
B
5
6
7
8
(Top View)
Output A
Inverting
Input A-
NON - Inverting
Input A+
GND
VCC
Output B
Inverting
Input B-
NON - Inverting
Input B+
SOP-8, DIP-8 PACKAGE
A
A
MICROELECTRONICS
GM393
LOW POWER DUAL DIFFERENTIAL COMPARATOR
Signal Conditioning


Similar Part No. - GM393D8T

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM393D8T GAMMA-GM393D8T Datasheet
126Kb / 7P
LOW POWER DUAL DIFFERENTIAL COMPARATOR
More results

Similar Description - GM393D8T

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC1414 MOTOROLA-MC1414 Datasheet
210Kb / 4P
DUAL DIFFERENTIAL COMPARATOR
logo
Unisonic Technologies
LM393 UTC-LM393_05 Datasheet
184Kb / 6P
DUAL DIFFERENTIAL COMPARATOR
logo
GTM CORPORATION
GSCLM393 GTM-GSCLM393 Datasheet
229Kb / 4P
DUAL DIFFERENTIAL COMPARATOR
logo
First Components Intern...
LM393 FCI-LM393 Datasheet
71Kb / 4P
Dual Differential Comparator
logo
SeCoS Halbleitertechnol...
SPWLM393D SECOS-SPWLM393D Datasheet
761Kb / 4P
Dual Differential Comparator
SPWLM393S SECOS-SPWLM393S Datasheet
763Kb / 4P
Dual Differential Comparator
logo
Gamma Microelectronics ...
GM393 GAMMA-GM393_1 Datasheet
126Kb / 7P
LOW POWER DUAL DIFFERENTIAL COMPARATOR
logo
Texas Instruments
LM293-EP TI1-LM293-EP_14 Datasheet
346Kb / 9P
DUAL DIFFERENTIAL COMPARATOR
LM293-EP TI1-LM293-EP_16 Datasheet
346Kb / 8P
DUAL DIFFERENTIAL COMPARATOR
logo
Unisonic Technologies
LM393 UTC-LM393 Datasheet
181Kb / 5P
DUAL DIFFERENTIAL COMPARATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com