Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GM393D8T Datasheet(PDF) 3 Page - Gamma Microelectronics Inc.

Part # GM393D8T
Description  LOW POWER DUAL DIFFERENTIAL COMPARATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM393D8T Datasheet(HTML) 3 Page - Gamma Microelectronics Inc.

  GM393D8T Datasheet HTML 1Page - Gamma Microelectronics Inc. GM393D8T Datasheet HTML 2Page - Gamma Microelectronics Inc. GM393D8T Datasheet HTML 3Page - Gamma Microelectronics Inc. GM393D8T Datasheet HTML 4Page - Gamma Microelectronics Inc. GM393D8T Datasheet HTML 5Page - Gamma Microelectronics Inc. GM393D8T Datasheet HTML 6Page - Gamma Microelectronics Inc. GM393D8T Datasheet HTML 7Page - Gamma Microelectronics Inc. GM393D8T Datasheet HTML 8Page - Gamma Microelectronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
PARAMETER
SYMBOL
VALUE
UNIT
780
510
±36, ±18
50
0 to +70
260
-65 to +150
mW
°C
Power Dissipation
DIP package
SOP package
Supply Voltage
Input Current
Operating Temperature Range
Lead Temperature (Soldering, 10 sce)
Storage Temperature Range
PD
VCC
IO
TLEAD
TSTG
ABSOLUTE MAXIMUM RATINGS
3
V
mA
TJ
°C
°C
SCHEMATIC BLOCK DIAGRAM
VCC
3.5µA
100µA
3.5µA
100µA
Q1
Q2
Q3
Q4
Q5
Q6
Q7
Q8
OUTPUT
+ INPUT
- INPUT
A
A
MICROELECTRONICS
GM393
LOW POWER DUAL DIFFERENTIAL COMPARATOR
Signal Conditioning



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com