Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GM393D8T Datasheet(PDF) 5 Page - Gamma Microelectronics Inc.

Part # GM393D8T
Description  LOW POWER DUAL DIFFERENTIAL COMPARATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM393D8T Datasheet(HTML) 5 Page - Gamma Microelectronics Inc.

  GM393D8T Datasheet HTML 1Page - Gamma Microelectronics Inc. GM393D8T Datasheet HTML 2Page - Gamma Microelectronics Inc. GM393D8T Datasheet HTML 3Page - Gamma Microelectronics Inc. GM393D8T Datasheet HTML 4Page - Gamma Microelectronics Inc. GM393D8T Datasheet HTML 5Page - Gamma Microelectronics Inc. GM393D8T Datasheet HTML 6Page - Gamma Microelectronics Inc. GM393D8T Datasheet HTML 7Page - Gamma Microelectronics Inc. GM393D8T Datasheet HTML 8Page - Gamma Microelectronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
Typical Performance Characteristics
80
70
60
50
40
30
20
10
0
0
5
10
15
20
25
30
35
40
V
, Supply Voltage(Vdc)
CC
T = -55°C
A
T = -0°C
A
T = 125°C
A
T = 25°C
A
T = 70°C
A
Figure 1. Input Bias Current versus Power
Supply Voltage
10
1.0
0.1
0.01
0.001
0.01
0.1
1.0
10
100
I
, Output Sink Current (mA)
sink
Figure 2. Output Saturation Voltage versus
Output Sink Current
Out of
Saturation
T = 125°C
A
T = 25°C
A
T = -55°C
A
1.0
0.8
0.6
0.4
0.2
0
0
5
10
15
20
25
30
35
40
V
, Supply Voltage(Vdc)
CC
Figure 3. Power Supply Current versus
Power Supply Voltage
T = -55°C
A
T = 0°C
A
T = 25°C
A
T = 70°C
A
T = 125°C
A
R =
L
A
A
MICROELECTRONICS
GM393
LOW POWER DUAL DIFFERENTIAL COMPARATOR
Signal Conditioning



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com