Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GM393D8T Datasheet(PDF) 6 Page - Gamma Microelectronics Inc.

Part # GM393D8T
Description  LOW POWER DUAL DIFFERENTIAL COMPARATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM393D8T Datasheet(HTML) 6 Page - Gamma Microelectronics Inc.

  GM393D8T Datasheet HTML 1Page - Gamma Microelectronics Inc. GM393D8T Datasheet HTML 2Page - Gamma Microelectronics Inc. GM393D8T Datasheet HTML 3Page - Gamma Microelectronics Inc. GM393D8T Datasheet HTML 4Page - Gamma Microelectronics Inc. GM393D8T Datasheet HTML 5Page - Gamma Microelectronics Inc. GM393D8T Datasheet HTML 6Page - Gamma Microelectronics Inc. GM393D8T Datasheet HTML 7Page - Gamma Microelectronics Inc. GM393D8T Datasheet HTML 8Page - Gamma Microelectronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
A
A
MICROELECTRONICS
GM393
LOW POWER DUAL DIFFERENTIAL COMPARATOR
0.275
7.0
0.155
4.0
0.060
1.52
0.050
1.270
0.024
0.6
Inches
mm
(
)
Pad Layout
SOP-8 PACKAGE OUTLINE DIMENSIONS
0.236 ± 0.008
0.050 NOM
1.270 NOM
+0.21
-0.20
5.990
3.91 ± 0.1
+0.003
-0.004
0.154
PIN INDENT
1.600 ± 0.130
0.063
± 0.005
0.057 NOM
1.450 NOM
0.175 ± 0.075
0.007
± 0.003
+0.004
-0.003
0.016
+0.10
-0.08
0.410
+0.0018
-0.0005
0.008
+0.05
-0.01
0.200
+0.013
-0.022
0.028
+0.33
-0.56
0.710
+0.002
-0.004
0.191
+0.05
-0.10
4.850
Inches
mm
(
)
0 ~ 8°
°
DIP-8 PACKAGE OUTLINE DIMENSIONS
0.015 MIN
0.380 MIN
0.26 ± 0.006
+0.15
-0.16
6.60
0.36 ± 0.01
+0.25
-0.26
9.14
0.180 MAX
4.570 MAX
0.125 MIN
3.180 MIN
+0.002
-0.006
0.13
+0.05
-0.15
3.30
0.018 ± 0.004
0.46 ± 0.10
0.039 ± 0.07
0.99 ± 0.18
0.06 ± 0.01
+0.26
-0.25
1.52
0.100 NOM
2.540 NOM
0.021 ± 0.005
+0.12
-0.13
0.53
+0.010
-0.015
0.30
+0.25
-0.38
7.62
+0.002
-0.003
0.01
+0.05
-0.08
0.25
0.365 ± 0.02
9.27 ± 0.51
Inches
mm
(
)
Signal Conditioning



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com