Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GM393D8T Datasheet(PDF) 4 Page - Gamma Microelectronics Inc.

Part # GM393D8T
Description  LOW POWER DUAL DIFFERENTIAL COMPARATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM393D8T Datasheet(HTML) 4 Page - Gamma Microelectronics Inc.

  GM393D8T Datasheet HTML 1Page - Gamma Microelectronics Inc. GM393D8T Datasheet HTML 2Page - Gamma Microelectronics Inc. GM393D8T Datasheet HTML 3Page - Gamma Microelectronics Inc. GM393D8T Datasheet HTML 4Page - Gamma Microelectronics Inc. GM393D8T Datasheet HTML 5Page - Gamma Microelectronics Inc. GM393D8T Datasheet HTML 6Page - Gamma Microelectronics Inc. GM393D8T Datasheet HTML 7Page - Gamma Microelectronics Inc. GM393D8T Datasheet HTML 8Page - Gamma Microelectronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
ELECTRICAL CHARACTERISTICS
(V
= 5V, at specified free - air temperature, unless otherwise specified)
CC
4
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CHARACTERISTICS
Input Offset Voltage
Input Offset Current
Input Bias Current
Common - Mode Input Voltage
Range **
Low - Level Output Voltage
Large - Signal Differential
Voltage Amplification
V
= 1.4V
O
±2
±5
-25
mV
nA
±5
±50
9
±150
-250
400
SYMBOL
VIO
IIO
IIB
VICR
VOL
AVD
V
= 5V to 30V,
CC
V
= V
min, V = 1.4V
CC
ICR
O
25°C
25°C
Full range
Full range
25°C
25°C
25°C
25°C
Full range
Full range
Full range
V
= 1.4V
O
0 to V
- 1.5
CC
V
0 to V
- 2
CC
I
= 4mA, V
= -1V
OL
ID
V
= 15V, V = 14V
CC
O
to 11.4V,
R > 15kW to V
LCC
150
50
400
200
700
mV
V/ mV
High - Level Output Curretn
Low - Level Output Current
IOH
IOL
25°C
25°C
Full range
V
= 5V, V
= 1V
OH
ID
V
= 1.5V, V
= -1V
OL
ID
0.1
50
1
nA
mA
V
= 30V, V
= 1V
OH
ID
µA
6
Supply Current
ICC
25°C
Full range
R =
, V
= 5V
LCC
0.8
1.0
2.5
R =
, V
= 30V
LCC
mA
* All characteristics are measured under open loop conditions with zero common - mode input voltage unless otherwise
specified. Full range is 0°C to 70°C.
** The voltage at either input or common - mode should not be allowed to go negative by more than 0.3V.
The upper end of the common - mode voltage range is V
- 1.5V, but either or both inputs can go to 30V without damage.
CC
nA
SWITCHING CHARACTERISTICS, V
= 5V, TA=25°C
CC
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PARAMETER
Response time
R Connected to 5V
L
through 5.1kW,
C = 15pF* (See Note 1)
L
100 - mV input step with 5 - mV
overdrive
TTL - level input step
1.3
0.3
µs
* C includes probe and jig capacitance.
L
Note 1: The response time specified is the interval between the input step function and the instant when the output
crosses 1.4V.
A
A
MICROELECTRONICS
GM393
LOW POWER DUAL DIFFERENTIAL COMPARATOR
Signal Conditioning



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com