Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FGF2 Datasheet(PDF) 20 Page - List of Unclassifed Manufacturers

Part # FGF2
Description  Industrial Control and General purpose enclosed Transformers
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

FGF2 Datasheet(HTML) 20 Page - List of Unclassifed Manufacturers

Back Button FGF2 Datasheet HTML 16Page - List of Unclassifed Manufacturers FGF2 Datasheet HTML 17Page - List of Unclassifed Manufacturers FGF2 Datasheet HTML 18Page - List of Unclassifed Manufacturers FGF2 Datasheet HTML 19Page - List of Unclassifed Manufacturers FGF2 Datasheet HTML 20Page - List of Unclassifed Manufacturers FGF2 Datasheet HTML 21Page - List of Unclassifed Manufacturers FGF2 Datasheet HTML 22Page - List of Unclassifed Manufacturers FGF2 Datasheet HTML 23Page - List of Unclassifed Manufacturers FGF2 Datasheet HTML 24Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 52 page
background image
48
SECTION 1
HPS SPARTAN®
fIGure a
fIGure B
fIGure C
Group a
Group B
E
B
A
D
C
G x H
A
D
E
C
G x H
B
B
primary and secondary voltage links/jumpers supplied standard with all transformers. refer to page 75 for wiring schematic drawing.
Custom voltages and Va sizes available upon request.
1
Note: For 750 through 2000 VA units actual overall depth is 0.24” plus the value in column B.
primary and secondary voltage links/jumpers supplied standard with all transformers.
refer to page 75 for wiring schematic drawing. Custom voltages and Va sizes available upon request.
all dimensions in inches
Va
rating
Ce Va
rating
Catalog
number
mtg.
fig.
output
amps
overall
dimensions
mounting
Centers
mounting
slot
Height
with
finger
Guard
Height
with
fuse
Block
adapter
approx.
ship
Weight
lbs.
a
B
C
d
e
G X H
50
50
sp50aCp
A
0.42/0.21
2.60
3.82
2.60
2.13
2.64
0.22 x 0.44
2.98
2.79
2.2
100
100
sp100aCp
A
0.83/0.42
2.99
3.74
2.85
2.52
2.60
0.22 x 0.44
3.23
3.04
3.3
150
150
sp150aCp
A
1.25/0.63
2.99
4.29
2.85
2.52
3.15
0.22 x 0.44
3.23
3.04
4.4
250
160
sp250aCp
A
2.08/1.04
3.78
4.09
3.40
3.31
2.99
0.22 x 0.44
3.78
3.59
6.4
350
250
sp350aCp
A
2.92/1.46
3.78
4.49
3.40
3.31
3.39
0.22 x 0.44
3.78
3.59
7.5
500
300
sp500aCp
A
4.17/2.08
4.49
4.69
3.78 3.78 3.66 0.31 x 0.81
4.16
3.97
11
750
500
sp750aCp
A
6.25/3.13
5.25
5.081
4.37 4.50 4.06 0.31 x 0.81
4.75
4.56
18
1000
650
sp1000aCp
A
8.33/4.17
5.25
5.471 4.37 4.50 4.45 0.31 x 0.81
4.75
4.56
21
1500
1000
sp1500aCp
A
12.5/6.25
5.25
6.851
4.37 4.50 5.83 0.31 x 0.81
4.56
4.37
28
2000
1300
sp2000aCp
A
16.7/8.33
6.38
5.871 5.31 5.75 4.84 0.31 x 0.81
5.69
5.50
34
3000
2000
sp3000aCp
A
25.0/12.5
7.50
7.50
6.50
6.30
6.85
0.44 x 1.00
6.50
6.50
60
5000
3000
sp5000aCp
C
41.7/20.8
8.98
9.88
7.76 7.40 7.13 0.44 x 1.00
n/A
n/A
93
all dimensions in inches
Va
rating
Ce Va
rating
Catalog
number
mtg.
fig.
output
amps
overall
dimensions
mounting
Centers
mounting
slot
Height
with
finger
Guard
Height
with
fuse
Block
adapter
approx.
ship
Weight
lbs.
a
B
C
d
e
G X H
50
50
sp50ar
A
4.17/2.08
2.60
3.23
2.60
2.13
2.05
0.22 x 0.44
2.98
2.79
1.5
100
100
sp100ar
A
8.33/4.17
2.99
3.74
2.85
2.52
2.60
0.22 x 0.44
3.23
3.04
3.3
150
150
sp150ar
A
12.5/6.25
2.99
4.09
2.85
2.52
2.95
0.22 x 0.44
3.23
3.04
3.9
250
160
sp250ar
A
20.8/10.4
3.78
3.70
3.40
3.31
2.60
0.22 x 0.44
3.78
3.59
5.2
350
250
sp350ar
A
29.2/14.6
3.78
4.29
3.40
3.31
3.19
0.22 x 0.44
3.78
3.59
7.1
500
300
sp500ar
B
41.7/20.8
4.49
5.08
3.78
3.78
3.27
0.31 x 0.81
4.16
3.97
9.9
A
D
E
C
G x H
B
60 Hertz
primary Voltage:
600/480
575/460
550/440
secondary Voltage: 120 X 240
115 X 230
110 X 220
60 Hertz
primary Voltage:
600
575
550
secondary Voltage: 12 X 24
11.5 X 23
11 X 22
© Hammond Power Solutions Inc.
Data subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com