Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FGF2 Datasheet(PDF) 49 Page - List of Unclassifed Manufacturers

Part # FGF2
Description  Industrial Control and General purpose enclosed Transformers
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

FGF2 Datasheet(HTML) 49 Page - List of Unclassifed Manufacturers

Back Button FGF2 Datasheet HTML 44Page - List of Unclassifed Manufacturers FGF2 Datasheet HTML 45Page - List of Unclassifed Manufacturers FGF2 Datasheet HTML 46Page - List of Unclassifed Manufacturers FGF2 Datasheet HTML 47Page - List of Unclassifed Manufacturers FGF2 Datasheet HTML 48Page - List of Unclassifed Manufacturers FGF2 Datasheet HTML 49Page - List of Unclassifed Manufacturers FGF2 Datasheet HTML 50Page - List of Unclassifed Manufacturers FGF2 Datasheet HTML 51Page - List of Unclassifed Manufacturers FGF2 Datasheet HTML 52Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 49 / 52 page
background image
SECTION 9
SECTION 1
77
IndustrIal open-style control
General purpose enclosed
© Hammond Power Solutions Inc.
Data subject to change without notice.
Group e
sp***KHp schematic Connections for 380/347 to 120 X 240
fs***KHp schematic Connections for 380/347 to 120 X 240
High Voltage (HV)
(primary Volts)
Install supplied Jumpers
Between terminals
supply lines
Connect to
380
none
H1, H3
347
none
H1, H2
low Voltage (lV)
(secondary Volts)
Install supplied links
Between terminals
load lines
Connect to
120
X1-X3, X2-X4
X1, X4
240
X2-X3
X1, X4
X1
X3
X2
X4
H3
H2
HV
380V
347V
X4 X2
X1
X3
X3 X1
X2
X4
LV
120V
240V
H1
Group f
sp***KHr schematic Connections for 380/347 to 12 X 24
fs***KHr schematic Connections for 380/347 to 12 X 24
High Voltage (HV)
(primary Volts)
Install supplied Jumpers
Between terminals
supply lines
Connect to
380
none
H1, H3
347
none
H1, H2
low Voltage (lV)
(secondary Volts)
Install supplied links
Between terminals
load lines
Connect to
12
X1-X3, X2-X4
X1, X4
24
X2-X3
X1, X4
X1
X3
X2
X4
H3
H2
HV
380V
347V
X4 X2
X1
X3
X3 X1
X2
X4
LV
12V
24V
H1
HPS fusion and Hps Spartan - Wiring schematic drawings continued
HPS fusion and Hps Spartan - Wiring schematic drawings continued
sp***Qr schematic Connections for 240 X 480 to 12 X 24
fs***Qr schematic Connections for 240 X 480 to 12 X 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com