Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FGF2 Datasheet(PDF) 34 Page - List of Unclassifed Manufacturers

Part # FGF2
Description  Industrial Control and General purpose enclosed Transformers
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

FGF2 Datasheet(HTML) 34 Page - List of Unclassifed Manufacturers

Back Button FGF2 Datasheet HTML 30Page - List of Unclassifed Manufacturers FGF2 Datasheet HTML 31Page - List of Unclassifed Manufacturers FGF2 Datasheet HTML 32Page - List of Unclassifed Manufacturers FGF2 Datasheet HTML 33Page - List of Unclassifed Manufacturers FGF2 Datasheet HTML 34Page - List of Unclassifed Manufacturers FGF2 Datasheet HTML 35Page - List of Unclassifed Manufacturers FGF2 Datasheet HTML 36Page - List of Unclassifed Manufacturers FGF2 Datasheet HTML 37Page - List of Unclassifed Manufacturers FGF2 Datasheet HTML 38Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 52 page
background image
62
SECTION 1
Q SERIES
50 to 5000Va
Benefits
ul listed
File: E50394
CSA Certified
File: lr3902
frequency
60 Hertz
Insulation system
Up to 1kVA; Class B, 80°C temperature rise.
1.5 to 5kVA; Class F, 115°C temperature rise.
Assures long life and reliable performance.
standard design
Single Phase, all welded core construction made
with high quality, high permeability silicon steel
laminations.
Computer designed coils, accurately wound with
optimum mean turns made from high quality
magnetic wire with insulation film.
rugged one-piece assembly with low noise
provides optimum performance and reliability.
Provides enhanced voltage regulation, excellent
thermal characteristics and compliments
modern winding techniques.
encapsulation
All units from 50VA to 5kVA are encapsulated with
electrical grade silica sand and resin compounds.
Completely encloses the core and coil to
seal out moisture, airborne contaminants and
eliminates corrosion & insulation deterioration.
enclosure type
Heavy Duty nEmA Type 3r (conduit knockouts
on sides and rear)
meets the heavy industrial trade requirements
for indoor/outdoor enclosed transformers.
termination
Front accessible wiring compartment with high
and low voltage copper lead wires or tabs.
Ample space for transformer connection for
primary and secondary terminations.
mounting
Designed for vertical or horizontal mounting.
Facilitates any installation requirement.
© Hammond Power Solutions Inc.
Data subject to change without notice.
For applications where a cost effective approach to general purpose loads indoor or outdoor is required,
consider the ‘Q’ series, single phase encapsulated control transformer. These units are specifically designed for
the following applications;
General purpose enclosed control applications used to adjust a supply voltage to match a load
requirement.
Supplying machine tool circuits.
Actuating relays, bells, signal and alarm systems.
Operating small motors, valves and dampers.
Industrial lighting and circuit isolation.
sInGle pHase enClosed enCapsulated
Control transformer features
50 to 5000VA
sInGle pHase enClosed enCapsulated Control standard speCIfICatIons



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com